Electronic Components Datasheet Search
  English  ▼

X  

1758034 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1758034
Description  ICV 2,5/ 4-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758034 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1758034 Datasheet HTML 1Page - PHOENIX CONTACT 1758034 Datasheet HTML 2Page - PHOENIX CONTACT 1758034 Datasheet HTML 3Page - PHOENIX CONTACT 1758034 Datasheet HTML 4Page - PHOENIX CONTACT 1758034 Datasheet HTML 5Page - PHOENIX CONTACT 1758034 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ICV 2,5/ 4-G-5,08 Order No.: 1785968
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1785968
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Mar 19, 2010
Accessories
Item
Designation
Description
Assembly
1808353
FLRP/ICV 80
Pair of guide rails, is inserted into the groove ICV/...G, height: 86
mm, hole diameter: 3.4 mm
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
0201744
MPS-MT
Metal part
0201647
RPS
Reducing plug, Color: gray
Additional products
Item
Designation
Description
General
1872486
A-MSTBVA 2,5/ 4-G-5,08
Base strip, Nominal current: 12 A, Nominal voltage: 250 V,
Mounting type: DIN rail mounting, Number of positions: 4,
Pitch: 5.08 mm, Color: green
0707264
DFK-MSTB 2,5/ 4-G-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Nom. voltage: 320 V, Pitch: 5.08 mm, Number of positions: 4,
Color: green, Assembly: Direct mounting
1898855
DFK-MSTBA 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Nom.
voltage: 250 V, Pitch: 5.08 mm, Number of positions: 4, Color:
green, Assembly: Soldering
1899155
DFK-MSTBVA 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Nom.
voltage: 250 V, Pitch: 5.08 mm, Number of positions: 4, Color:
green, Assembly: Soldering
1880326
EMSTBA 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Press-in
1859535
EMSTBVA 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 200 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Press-in
1873375
FKIC 2,5/ 4-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 4, Connection type: Spring-
cage conn., Color: green
1786190
IC 2,5/ 4-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 4, Connection type: Screw
connection, Color: green
1823862
ICC 2,5/ 4-STZ-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 4, Connection type: Crimp
connection, Color: green



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com