Electronic Components Datasheet Search
  English  ▼

X  

1736713 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1736713
Description  IC 2,5/ 4-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1736713 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1736713 Datasheet HTML 1Page - PHOENIX CONTACT 1736713 Datasheet HTML 2Page - PHOENIX CONTACT 1736713 Datasheet HTML 3Page - PHOENIX CONTACT 1736713 Datasheet HTML 4Page - PHOENIX CONTACT 1736713 Datasheet HTML 5Page - PHOENIX CONTACT 1736713 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 5, 2010
Extract from the online
catalog
 
IC 2,5/ 4-G-5,08
Order No.: 1786420
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1786420
 
 
Header, Nominal current: 12 A, Nom. voltage: 320 V, Pitch: 5.08 mm,
Number of positions: 4, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918042578
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.005289 KG
Catalog page information
Page 264 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
15.24 mm
Number of positions
4
Pin dimensions
1,2 x 0,5
Hole diameter
1.4 mm


Similar Part No. - 1736713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1736713 PHOENIX-1736713 Datasheet
185Kb / 6P
MDSTB 2,5/ 4-G1-5,08
1736713 PHOENIX-1736713 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1736713 PHOENIX-1736713 Datasheet
176Kb / 7P
MVSTBR 2,5/ 4-ST-5,08
1736713 PHOENIX-1736713 Datasheet
156Kb / 7P
MVSTBW 2,5/ 4-ST-5,08
1736713 PHOENIX-1736713 Datasheet
161Kb / 6P
ICV 2,5/ 4-G-5,08
More results

Similar Description - 1736713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758034 PHOENIX-1758034 Datasheet
150Kb / 6P
MSTBV 2,5/ 4-G-5,08
1759033 PHOENIX-1759033 Datasheet
150Kb / 6P
MSTB 2,5/ 4-G-5,08
1785968 PHOENIX-1785968 Datasheet
161Kb / 6P
ICV 2,5/ 4-G-5,08
1786462 PHOENIX-1786462 Datasheet
147Kb / 10P
Base strip - IC 2,5/ 8-G-5,08
1786475 PHOENIX-1786475 Datasheet
139Kb / 10P
Base strip - IC 2,5/ 9-G-5,08
1786417 PHOENIX-1786417 Datasheet
154Kb / 6P
IC 2,5/ 3-G-5,08
1701656 PHOENIX-1701656 Datasheet
60Kb / 2P
IC 2,5/10-G-5,08 BK
1786598 PHOENIX-1786598 Datasheet
80Kb / 4P
Base strip - IC 2,5/21-G-5,08
1943412 PHOENIX-1943412 Datasheet
141Kb / 4P
IC 2,5 HC/12-G-5,08
1943344 PHOENIX-1943344 Datasheet
141Kb / 4P
IC 2,5 HC/ 6-G-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com