Electronic Components Datasheet Search
  English  ▼

X  

1758034 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1758034
Description  IC 2,5/ 4-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758034 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1758034 Datasheet HTML 1Page - PHOENIX CONTACT 1758034 Datasheet HTML 2Page - PHOENIX CONTACT 1758034 Datasheet HTML 3Page - PHOENIX CONTACT 1758034 Datasheet HTML 4Page - PHOENIX CONTACT 1758034 Datasheet HTML 5Page - PHOENIX CONTACT 1758034 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IC 2,5/ 4-G-5,08 Order No.: 1786420
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1786420
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Mar 5, 2010
1736755
MDSTBV 2,5/ 4-G1-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering
1845358
MDSTBVA 2,5/ 4-G-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering
1759033
MSTB 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering
1770737
MSTB 2,5/ 4-G-5,08-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Assembly: Soldering
1757268
MSTBA 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering
1902767
MSTBA 2,5/ 4-G-5,08 THT
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: black, Assembly: SMD/THT/
THR
1770960
MSTBA 2,5/ 4-G-5,08-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Assembly: Soldering
1850453
MSTBO 2,5/ 4-GL-5,08
Header, Nominal current: 8 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering
1847123
MSTBO 2,5/ 4-GR-5,08
Header, Nominal current: 8 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering
1758034
MSTBV 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering
1755752
MSTBVA 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering
1902835
MSTBVA 2,5/ 4-G-5,08 THT
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: black, Assembly: SMD/THT/
THR
1735866
MSTBW 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering
1769489
SMSTB 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering
1767397
SMSTBA 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com