Electronic Components Datasheet Search
  English  ▼

X  

MPX4100A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPX4100A
Description   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX4100A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPX4100A Datasheet HTML 3Page - NXP Semiconductors MPX4100A Datasheet HTML 4Page - NXP Semiconductors MPX4100A Datasheet HTML 5Page - NXP Semiconductors MPX4100A Datasheet HTML 6Page - NXP Semiconductors MPX4100A Datasheet HTML 7Page - NXP Semiconductors MPX4100A Datasheet HTML 8Page - NXP Semiconductors MPX4100A Datasheet HTML 9Page - NXP Semiconductors MPX4100A Datasheet HTML 10Page - NXP Semiconductors MPX4100A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MPX4100A
Sensors
Freescale Semiconductor
7
Pressure
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
The two sides of the pressure sensor are designated as
the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluorosilicone gel,
which protects the die from harsh media. The MPX pressure
sensor is designed to operate with positive differential
pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
following table:
INFORMATION FOR USING THE SMALL OUTLINE PACKAGE (CASE 482)
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface
between the board and the package. With the correct
footprint, the packages will self align when subjected to a
solder reflow process. It is always recommended to design
boards with a solder mask layer to avoid bridging and
shorting between solder pads.
Figure 5. SOP Footprint (Case 482)
Part Number
Case Type
Pressure (P1) Side Identifier
MPX4100A
867
Stainless Steel Cap
MPX4100AP
867B
Side with Part Marking
MPX4100AS
867E
Side with Port Attached
MPXAZ4100A6U, MPXA4100A6U/TI
482
Side with Part Marking
MPXAZ4100AC6U, MPXA4100AC6U
482A
Side with Port Attached
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
inch
mm
SCALE 2:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com