Electronic Components Datasheet Search
  English  ▼

X  

VPN12AD02-FU Datasheet(PDF) 5 Page - Cyntec Co., Ltd.

Part # VPN12AD02-FU
Description  Buck-Boost, High Efficiency POL Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VPN12AD02-FU Datasheet(HTML) 5 Page - Cyntec Co., Ltd.

  VPN12AD02-FU Datasheet HTML 1Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 2Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 3Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 4Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 5Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 6Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 7Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 8Page - Cyntec Co., Ltd. VPN12AD02-FU Datasheet HTML 9Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Rev. P05
5
VPN12AD02-FU
ELECTRICAL SPECIFICATIONS: (Cont.)
Conditions: TA = 25 ºC, unless otherwise specified.
For CC mode, VIN = 12V, Cin =10uF/50V/1210/X7R x 2, Cout = 10uF/50V/1210/X7R x 2.
For CV mode, VIN = 12V, VOUT=12V, Cin =10uF/X7R x 2 + 82uF EP-CAP, Cout = 22uF/X7R x 2 + 270uF EP-CAP
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input Characteristics
VVIN(ON)
Input Voltage
Startup
VIN increasing;
VEN/INUVLO = HIGH;
-
-
4.7
V
VVIN(OFF)
Input
Undervoltage
switch OFF
VIN decreasing;
VEN/INUVLO = HIGH;
-
-
4.5
V
IVIN(ACTIVE)
Device operating
current
ACTIVE mode; CC mode
Fsw=350 KHz; VPWMI = 0 V;
-
4.4
6
mA
IVIN(ACTIVE)
Device operating
current
ACTIVE mode; CV mode
Fsw=350 KHz; VOUT=12V
-
25
-
mA
IVIN(SLEEP)
VIN Sleep mode
supply current
VEN/INUVLO = 0 V;
VIN = 13.5 V;
VIVCC = 0 V;
-
1.5
-
uA
Regulator Characteristics
VIIN1-IIN2
Input Current
Sense Threshold
-
50
-
mV
VFBH-FBL
VFBH - VFBL
Threshold
VSET = 2V;
145
150
155
mV
VFBH-FBL_10
VFBH - VFBL
Threshold at
analog dimming
10%
VSET = 0.32 V; CC mode
-
15
-
mV
DBOOST_MAX
Maximum Boost
Duty Cycle
Fsw= 300 kHz;
-
91
-
%
FSW
Switching
Frequency
Tj = 25°C;
RFREQ= 30 kΩ;
-
350
-
kHz
FDEV
Frequency
Deviation
SSP=HIGH
-
+/-16
-
%
Δ
VOUT
/ VOUT
Line regulation
accuracy
VIN = 8V to 24V; CV mode
VOUT = 12V, IOUT = 2A
-
1.0
-
%
Δ
VOUT
/ VOUT
Load regulation
accuracy
IOUT = 0A to 2A; CV mode
VIN = 12V, VOUT = 12V
-
0.5
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com