Electronic Components Datasheet Search
  English  ▼

X  

1847110 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1847110
Description  MSTBT 2,5/ 3-ST-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1847110 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1847110 Datasheet HTML 1Page - PHOENIX CONTACT 1847110 Datasheet HTML 2Page - PHOENIX CONTACT 1847110 Datasheet HTML 3Page - PHOENIX CONTACT 1847110 Datasheet HTML 4Page - PHOENIX CONTACT 1847110 Datasheet HTML 5Page - PHOENIX CONTACT 1847110 Datasheet HTML 6Page - PHOENIX CONTACT 1847110 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 7
http://www.phoenixcontact.de
Mar 4, 2010
Extract from the online
catalog
 
MSTBT 2,5/ 3-ST-5,08
Order No.: 1779990
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1779990
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 3, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918040680
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00542 KG
Catalog page information
Page 200 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
10.16 mm
Number of positions
3
Screw thread
M3


Similar Part No. - 1847110

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1847110 PHOENIX-1847110 Datasheet
169Kb / 7P
ICV 2,5/ 3-G-5,08
1847110 PHOENIX-1847110 Datasheet
154Kb / 6P
IC 2,5/ 3-G-5,08
More results

Similar Description - 1847110

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1781043 PHOENIX-1781043 Datasheet
147Kb / 11P
Plug - MSTBT 2,5/ 8-ST-5,08
1779848 PHOENIX-1779848 Datasheet
151Kb / 7P
MSTBT 2,5/ 3-ST
1779851 PHOENIX-1779851 Datasheet
137Kb / 6P
MSTBT 2,5/ 4-ST
1780002 PHOENIX-1780002 Datasheet
148Kb / 7P
MSTBT 2,5/ 4-ST-5,08
1706337 PHOENIX-1706337 Datasheet
52Kb / 3P
MSTBT 2,5/ 3-ST YE
1704039 PHOENIX-1704039 Datasheet
62Kb / 5P
Printed-circuit board connector - MSTBT 2,5/ 3-ST-5,08 ABGYAU
1779974 PHOENIX-1779974 Datasheet
148Kb / 6P
MSTBT 2,5/16-ST
1919899 PHOENIX-1919899 Datasheet
133Kb / 3P
MSTBT 2,5/18-ST-5,08
1914836 PHOENIX-1914836 Datasheet
125Kb / 3P
MSTBT 2,5/ 3-ST BK
1971947 PHOENIX-1971947 Datasheet
114Kb / 3P
MSTBT 2,5/ 3-ST KMGY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com