Electronic Components Datasheet Search
  English  ▼

X  

LPBC0-2 Datasheet(PDF) 5 Page - Littelfuse

Part # LPBC0-2
Description  POWR-BLOKS Distribution/Splicer Blocks and Covers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPBC0-2 Datasheet(HTML) 5 Page - Littelfuse

  LPBC0-2 Datasheet HTML 1Page - Littelfuse LPBC0-2 Datasheet HTML 2Page - Littelfuse LPBC0-2 Datasheet HTML 3Page - Littelfuse LPBC0-2 Datasheet HTML 4Page - Littelfuse LPBC0-2 Datasheet HTML 5Page - Littelfuse LPBC0-2 Datasheet HTML 6Page - Littelfuse LPBC0-2 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
138
1.00"
[25.4]
2.90"
[73.7]
.07"
[1.8]
.07"
[1.8]
.218 x .375"
[5.5 x 9.5]SLOT
3.52"
[89.3]
4.13"
[104.8]
.65 x .375"
[6.7 x 9.5] SLOT
1.00"
[25.4]
2.90"
[73.7]
.218 x .375"
[5.5 x 9.5]SLOT
.265 x .375"
[6.7 x 9.5] SLOT
3.38"
[85.8]
4.73"
[121]
5.38"
[137]
4.63"
[118]
3.38"
[85.8]
2 POLE
3 POLE
2.88"
[73.0]
2.25"
[57.2]
.56"
[14]
1.94"
[49.2]
2.75"
[69.9]
1.62"
[42]
2.25"
[57.2]
2.88"
[73.0]
.63"
[16.1]
.56"
[14]
.205 [5.2]
DIA. HOLE
1.13"
[28.6]
.56"
[14]
.62"
[16]
.62"
[16]
2.25"
[57.2]
2.88"
[73.0]
1.78"
[45.2]
1 POLE
2 POLE
3 POLE
.31"
[7.9]
LX0XXX
LX2XXX
Figure 1
Figure 3
1.52
[38.7]
1 POLE
2 POLE
4 POLE
3 POLE
LX1XXX
Figure 2
POWR-BLOKS™
Distribution/Splicer Blocks and Covers



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com