Electronic Components Datasheet Search
  English  ▼

X  

1757048 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757048
Description  MSTB 2,5/ 5-G-5,08-LA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757048 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757048 Datasheet HTML 1Page - PHOENIX CONTACT 1757048 Datasheet HTML 2Page - PHOENIX CONTACT 1757048 Datasheet HTML 3Page - PHOENIX CONTACT 1757048 Datasheet HTML 4Page - PHOENIX CONTACT 1757048 Datasheet HTML 5Page - PHOENIX CONTACT 1757048 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/ 5-G-5,08-LA
Order No.: 1770740
The illustration shows a 15-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1770740
 
 
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number
of positions: 5, Pitch: 5.08 mm, Color: green, Metal surface: Sn,
Assembly: Soldering
 
Commercial data
GTIN (EAN)
4
017918
035488
Note
Made-to-order
sales group
E110
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
12 mm
Pitch
5.08 mm
Dimension a
20.32 mm
Number of positions
5
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1757048

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757048 PHOENIX-1757048 Datasheet
321Kb / 8P
MSTB 2,5/ 5-ST-5,08
1757048 PHOENIX-1757048 Datasheet
151Kb / 6P
MSTBV 2,5/ 5-G-5,08
1757048 PHOENIX-1757048 Datasheet
432Kb / 7P
MSTB 2,5/ 5-G-5,08
1757048 PHOENIX-1757048 Datasheet
175Kb / 7P
IC 2,5/ 5-ST-5,08
More results

Similar Description - 1757048

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1759017 PHOENIX-1759017 Datasheet
150Kb / 6P
MSTB 2,5/ 2-G-5,08
1759046 PHOENIX-1759046 Datasheet
432Kb / 7P
MSTB 2,5/ 5-G-5,08
1770724 PHOENIX-1770724 Datasheet
69Kb / 3P
Base strip - MSTB 2,5/ 3-G-5,08-LA
1770737 PHOENIX-1770737 Datasheet
148Kb / 6P
MSTB 2,5/ 4-G-5,08-LA
1768215 PHOENIX-1768215 Datasheet
68Kb / 3P
Base strip - MSTB 2,5/ 5-G-LA
1759208 PHOENIX-1759208 Datasheet
151Kb / 5P
MSTB 2,5/21-G-5,08
1770795 PHOENIX-1770795 Datasheet
66Kb / 3P
Base strip - MSTB 2,5/10-G-5,08-LA
1770834 PHOENIX-1770834 Datasheet
66Kb / 3P
Base strip - MSTB 2,5/14-G-5,08-LA
1770892 PHOENIX-1770892 Datasheet
66Kb / 3P
Base strip - MSTB 2,5/20-G-5,08-LA
1770931 PHOENIX-1770931 Datasheet
69Kb / 3P
Base strip - MSTB 2,5/24-G-5,08-LA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com