Electronic Components Datasheet Search
  English  ▼

X  

MPXM2202D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPXM2202D
Description  200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXM2202D Datasheet(HTML) 4 Page - NXP Semiconductors

  MPXM2202D Datasheet HTML 1Page - NXP Semiconductors MPXM2202D Datasheet HTML 2Page - NXP Semiconductors MPXM2202D Datasheet HTML 3Page - NXP Semiconductors MPXM2202D Datasheet HTML 4Page - NXP Semiconductors MPXM2202D Datasheet HTML 5Page - NXP Semiconductors MPXM2202D Datasheet HTML 6Page - NXP Semiconductors MPXM2202D Datasheet HTML 7Page - NXP Semiconductors MPXM2202D Datasheet HTML 8Page - NXP Semiconductors MPXM2202D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MPX2202
Sensors
4
Freescale Semiconductor, Inc.
Pressure
Maximum Ratings
Voltage Output versus Applied Differential
The differential voltage output of the sensor is directly
proportional to the differential pressure applied.
The absolute sensor has a built-in reference vacuum. The
output voltage will decrease as vacuum, relative to ambient,
is drawn on the pressure (P1) side.
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the pressure
(P1) side relative to the vacuum (P2) side. Similarly, output
voltage increases as increasing vacuum is applied to the
vacuum (P2) side relative to the pressure (P1) side.
Figure 1 illustrates a block diagram of the internal circuitry
on the stand-alone pressure sensor chip.
Figure 1. Temperature Compensated and Calibrated
Pressure Sensor Schematic
Table 2. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Max Value
Unit
Maximum Pressure (P1 > P2)
400
kPa
Storage Temperature
-40 to 125
C
Operating Temperature
-40 to 125
C
+VOUT
–VOUT
4
2
VS
3
Sensing
Element
GND
1
Thin Film
Temperature
Compensation
and Calibration
Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com