Electronic Components Datasheet Search
  English  ▼

X  

LPBC5-3 Datasheet(PDF) 1 Page - Littelfuse

Part # LPBC5-3
Description  POWR-BLOKS Distribution/Splicer Blocks and Covers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPBC5-3 Datasheet(HTML) 1 Page - Littelfuse

  LPBC5-3 Datasheet HTML 1Page - Littelfuse LPBC5-3 Datasheet HTML 2Page - Littelfuse LPBC5-3 Datasheet HTML 3Page - Littelfuse LPBC5-3 Datasheet HTML 4Page - Littelfuse LPBC5-3 Datasheet HTML 5Page - Littelfuse LPBC5-3 Datasheet HTML 6Page - Littelfuse LPBC5-3 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
134
SPECIFICATIONS
Voltage Rating: 600V
Amperage: Based on NEC Table 310.16,
using 75°C copper wire
Material: Phenolic rated at 150°C and Thermoplastic rated
at 125°C (LD1400 and LS1300 series only)
Connector: Standard: Highly conductive aluminum, tin plated
Copper: Highly conductive copper, tin plated
Flammability Rating: 94V-0
Approvals: UL Recognized (File No. E171395)
CSA Certified (File No. LR700111)
ORDERING INFORMATION
POWR-BLOKS™
Distribution/Splicer Blocks and Covers
Distribution Block
Example Part No.
Splicer Block
Example Part No.
LPBC0-2
LX0XXX-2
LPBC0-3
LX0XXX-3
LPBC2-1
LX2XXX-1
LPBC2-2
LX2XXX-2
LPBC2-3
LX2XXX-3
LPBC3-1
LX3XXX-1
LPBC3-2
LX3XXX-2
LPBC3-3
LX3XXX-3
LPBC4-1
LX4XXX-1
LPBC4-2
LX4XXX-2
LPBC4-3
LX4XXX-3
LPBC5-1
LX5XXX-1
LPBC5-2
LX5XXX-2
LPBC5-3
LX5XXX-3
For use with
Power Distribution
Block No.
Littelfuse
Part
Number
Clear Plastic Covers
Littelfuse’s power distribution block covers provide protection
against accidental shorting between poles caused by loose
wires, tools, or other conductive material. They also protect
personnel from accidentally contacting energized connec-
tors. Clear plastic covers are available for most blocks. New
LX2XXX-DIN series blocks offer a hinged cover.
AMPERE RATINGS
The ampere rating per pole for power distribution blocks is
based on the line ampacity of 75° C insulated conductors per
NEC Table 310.16. If 60° C insulated conductors are used,
load must not exceed the ampacity of 60° C conductors. Use
of conductors rated in excess of 75° C is permitted (for
example 90° C), however, load must not exceed the
ampacity of 75° C conductors.
Distribution Block Covers
POWR-BLOKS power distribution blocks offer a safe, conve-
nient way of splicing cables, providing a fixed junction tap-off
point or splitting primary power into secondary circuits.
LX2XXX-DIN series offers integral DIN-Rail mount and an
optional hinged safety cover.
APPLICATIONS
Typical applications include heating, air conditioning and
refrigeration systems, elevator systems, material handling
equipment, control panels, motor controls, switchgear, and
anywhere power needs to be distributed to more than one load.
CONNECTORS
Box lug connectors are designed for use with a single, solid or
class B or C stranded conductor. Use of more than one conductor
per connector opening or use of extra-flexible, fine stranded
conductors, such as welding cable, voids the UL Listing, and may
cause overheating. Manufacturers of cable terminations can
furnish crimp-on sleeves for fine stranded conductors which permit
these conductors to be used with box lugs.
LCH132-1
LX2XXX-1DIN
LCH132-2
LX2XXX-2DIN
LCH132-3
LX2XXX-3DIN
For use with
Power Distribution
Block No.
Littelfuse
Part
Number
Hinged Covers
NEW
NEW


Similar Part No. - LPBC5-3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LPBC02 LITTELFUSE-LPBC02 Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
LPBC03 LITTELFUSE-LPBC03 Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
LPBC13 LITTELFUSE-LPBC13 Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
LPBC1441 LITTELFUSE-LPBC1441 Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
LPBC1442 LITTELFUSE-LPBC1442 Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
More results

Similar Description - LPBC5-3

ManufacturerPart #DatasheetDescription
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
SPLICER TERMINAL BLOCKS
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
Power Distribution Blocks
16000-2 COOPER-16000-2 Datasheet
1Mb / 4P
Splicer blocks
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
Global Distribution Blocks
BB18 LITTELFUSE-BB18 Datasheet
236Kb / 1P
POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
LFD25703Z LITTELFUSE-LFD25703Z Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
1PH3P18MM LITTELFUSE-1PH3P18MM Datasheet
258Kb / 1P
POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
GDB LITTELFUSE-GDB_V01 Datasheet
473Kb / 10P
GDB SERIES TOUCH-SAFE POWR-BLOKS
Rev: 101319
logo
Marathon Special Produc...
135X702 MARATHON-135X702 Datasheet
216Kb / 4P
POWER DISTRIBUTION BLOCK Splicer Type 135X702
REV-E 11/25/19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com