Electronic Components Datasheet Search
  English  ▼

X  

2SJ191 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # 2SJ191
Description  P-Channel 60-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

2SJ191 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  2SJ191 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 2SJ191 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 2SJ191 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 2SJ191 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 2SJ191 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 2SJ191 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 2SJ191 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 2SJ191 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL CHARACTERISTICS
25 °C unless noted
THERMAL RATINGS
On-Resistance vs. Junction Temperature
0.5
0.8
1.1
1.4
1.7
2.0
2.3
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 50 A
Source-Drain Diode Forward Voltage
0.0
0.2
0.4
0.6
0.8
1.0
VSD - Source-to-Drain Voltage (V)
10
1
0.001
TJ = 25 °C
TJ = 150 °C
0.1
0.01
Drain Current vs. Case Temperature
0
2
4
6
8
10
0
25
50
75
100
125
150
175
TC - Case Temperature (°C)
Safe Operating Area
100
10
0.001
0.1
1
10
100
0.1
TC = 25 °C
Single Pulse
1 ms
10 ms
100 ms, DC
10 µs
100 µs
*Limited by rDS(on)
VDS - Drain-to-Source Voltage (V)
*VGS
minimum VGS at which rDS(on) is specified
1
0.01
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
2SJ191
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com