Electronic Components Datasheet Search
  English  ▼

X  

1759910 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1759910
Description  MSTB 2,5/12-ST-5,08 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1759910 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1759910 Datasheet HTML 1Page - PHOENIX CONTACT 1759910 Datasheet HTML 2Page - PHOENIX CONTACT 1759910 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/12-ST-5,08 BK
Order No.: 1759910
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1759910
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 12, Pitch: 5.08 mm, Color: black
 
Commercial data
GTIN (EAN)
4
017918
214876
Note
Made-to-order
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1759910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1759907 PHOENIX-1759907 Datasheet
329Kb / 12P
Printed-circuit board connector - MSTB 2,5/12-G-5,08 BK
1759929 PHOENIX-1759929 Datasheet
61Kb / 2P
GMSTB 2,5/ 6-STFS59-7,62 AU
1759932 PHOENIX-1759932 Datasheet
61Kb / 2P
GMSTB 2,5/ 8-STFS59-7,62 AU
logo
List of Unclassifed Man...
1759941-1 ETC2-1759941-1 Datasheet
2Mb / 4P
QUICK REFERENCE GUIDE
logo
PHOENIX CONTACT
1759961 PHOENIX-1759961 Datasheet
41Kb / 2P
MSTBVA 2,5 HC/ 2-G-5,08 BK
More results

Similar Description - 1759910

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758856 PHOENIX-1758856 Datasheet
96Kb / 2P
MSTB 2,5/ 2-ST-5,08 BK
1759509 PHOENIX-1759509 Datasheet
126Kb / 6P
MSTB 2,5/ 3-ST-5,08 BK
1729360 PHOENIX-1729360 Datasheet
61Kb / 2P
MSTB 2,5/ 4-ST-5,08 BK VPE500
1729373 PHOENIX-1729373 Datasheet
61Kb / 2P
MSTB 2,5/ 5-ST-5,08 BK VPE500
1758694 PHOENIX-1758694 Datasheet
102Kb / 3P
MSTB 2,5/10-ST-5,08 BK
1758940 PHOENIX-1758940 Datasheet
96Kb / 2P
MSTB 2,5/ 8-ST-5,08 BK
1759703 PHOENIX-1759703 Datasheet
97Kb / 2P
MSTB 2,5/14-ST-5,08 BK
1814003 PHOENIX-1814003 Datasheet
45Kb / 2P
MSTB 2,5 HC/ 2-ST-5,08 BK
1826542 PHOENIX-1826542 Datasheet
102Kb / 3P
FRONT-MSTB 2,5/ 4-ST-5,08 BK
1921625 PHOENIX-1921625 Datasheet
97Kb / 2P
FRONT-MSTB 2,5/ 2-ST-5,08 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com