Electronic Components Datasheet Search
  English  ▼

X  

1759961 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1759961
Description  MSTBVA 2,5 HC/ 2-G-5,08 BK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1759961 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1759961 Datasheet HTML 1Page - PHOENIX CONTACT 1759961 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1759961
03/31/2014   Page 1 / 2
 - MSTBVA 2,5 HC/ 2-G-5,08 BK - 1759961
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 16 A, Number of positions: 2, Pitch: 5.08 mm, Color: black, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
5.08 mm
General
Range of articles
MSTBVA 2,5 HC/..-G
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
16 A
Color
black
Number of positions
2
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637


Similar Part No. - 1759961

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1759965 PHOENIX-1759965 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/20-G BK
More results

Similar Description - 1759961

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1735008 PHOENIX-1735008 Datasheet
97Kb / 2P
DFK-MSTBVA 2,5/ 5-G-5,08 BK
1740291 PHOENIX-1740291 Datasheet
97Kb / 2P
MSTBVA 2,5/ 6-G-5,08 BK
1742855 PHOENIX-1742855 Datasheet
62Kb / 2P
MSTBVA 2,5/ 2-G BK PIN13,9
1812649 PHOENIX-1812649 Datasheet
39Kb / 1P
MSTBA 2,5 HC/ 2-G-5,08 BK
1740204 PHOENIX-1740204 Datasheet
97Kb / 2P
MSTBVA 2,5/10-G-5,08 BK
1746790 PHOENIX-1746790 Datasheet
97Kb / 2P
MSTBVA 2,5/17-G-5,08 BK
1902819 PHOENIX-1902819 Datasheet
203Kb / 6P
MSTBVA 2,5/ 2-G-5,08 THT
1800988 PHOENIX-1800988 Datasheet
41Kb / 2P
Base strip - MSTBVA 2,5/18-G-5,08 BK
1740893 PHOENIX-1740893 Datasheet
96Kb / 3P
Printed-circuit board connector - MSTBVA 2,5/ 2-G-5,08 BK
12/02/2018
1924305 PHOENIX-1924305 Datasheet
341Kb / 11P
PCB header - MSTBVA 2,5 HC/ 2-G-5,08
Jan 3, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com