Electronic Components Datasheet Search
  English  ▼

X  

1733208 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1733208
Description  MSTB 2,5/11-ST-5,08 BD:1-11
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1733208 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1733208 Datasheet HTML 1Page - PHOENIX CONTACT 1733208 Datasheet HTML 2Page - PHOENIX CONTACT 1733208 Datasheet HTML 3Page - PHOENIX CONTACT 1733208 Datasheet HTML 4Page - PHOENIX CONTACT 1733208 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSTB 2,5/11-ST-5,08 BD:1-11 Order No.: 1760129
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1760129
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Feb 25, 2010
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Tools
1205053
SZS 0,6X3,5
Screwdriver, bladed, matches all screw terminal blocks up to 4.0
mm² connection cross section, blade: 0.6 x 3.5 mm, without VDE
approval
Additional products
Item
Designation
Description
General
1873443
FKIC 2,5/11-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 11, Connection type: Spring-
cage conn.
1823930
ICC 2,5/11-STZ-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 11, Connection type: Crimp
connection
1762460
MDSTB 2,5/11-G1-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 11, Color: green, Assembly: Soldering
1762596
MDSTBV 2,5/11-G1-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 11, Color: green, Assembly: Soldering
1770805
MSTB 2,5/11-G-5,08-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 11, Assembly: Soldering
1757336
MSTBA 2,5/11-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 11, Color: green, Assembly: Soldering
1768037
MSTBA 2,5/11-G-5,08-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 11, Assembly: Soldering
1788813
MSTBVK 2,5/11-G-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 11, Connection type: Screw
connection, Assembly: DIN rail, Color: green
1788622
MVSTBU 2,5/11-GB-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 11, Connection type: Screw
connection, Assembly: Direct mounting
1769557
SMSTB 2,5/11-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 11, Color: green, Assembly: Soldering
1767465
SMSTBA 2,5/11-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 11, Color: green, Assembly: Soldering
3002034
UK 3-MSTB-5,08
Feed-through modular terminal block, Type of connection: Special
and hybrid connection, Screw connection, Cross section: 0.2
mm² - 4 mm², AWG 24 - 12, Width: 5.08 mm, Color: gray,
Mounting type: NS 32, NS 35/15, NS 35/7,5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com