Electronic Components Datasheet Search
  English  ▼

X  

1762062 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1762062
Description  MDSTB 2,5/ 2-G-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1762062 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1762062 Datasheet HTML 1Page - PHOENIX CONTACT 1762062 Datasheet HTML 2Page - PHOENIX CONTACT 1762062 Datasheet HTML 3Page - PHOENIX CONTACT 1762062 Datasheet HTML 4Page - PHOENIX CONTACT 1762062 Datasheet HTML 5Page - PHOENIX CONTACT 1762062 Datasheet HTML 6Page - PHOENIX CONTACT 1762062 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MDSTB 2,5/ 2-G-5,08 Order No.: 1762062
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1762062
PHOENIX CONTACT Inc., USA
Page 4 / 7
http://www.phoenixcon.com
Feb 25, 2010
1873650
FKCVW 2,5/ 2-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Spring-
cage conn.
1873809
FKCVW 2,5/ 2-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Spring-
cage conn.
1777280
FRONT-MSTB 2,5/ 2-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1777808
FRONT-MSTB 2,5/ 2-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1786404
IC 2,5/ 2-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 320 V, Pitch: 5.08
mm, Number of positions: 2, Assembly: Soldering
1785942
ICV 2,5/ 2-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 320 V, Pitch: 5.08
mm, Number of positions: 2, Color: green, Assembly: Soldering
1757019
MSTB 2,5/ 2-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1777989
MSTB 2,5/ 2-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1808816
MSTBC 2,5/ 2-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Crimp
connection, Color: green
1809501
MSTBC 2,5/ 2-STZ-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Crimp
connection
1809734
MSTBC 2,5/ 2-STZF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Crimp
connection
1769010
MSTBP 2,5/ 2-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1779987
MSTBT 2,5/ 2-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1805301
MSTBT 2,5/ 2-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1792249
MVSTBR 2,5/ 2-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Color: green
1835096
MVSTBR 2,5/ 2-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 2, Connection type: Screw
connection, Color: green



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com