Electronic Components Datasheet Search
  English  ▼

X  

1786679 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1786679
Description  MDSTB 2,5/ 2-G
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1786679 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1786679 Datasheet HTML 1Page - PHOENIX CONTACT 1786679 Datasheet HTML 2Page - PHOENIX CONTACT 1786679 Datasheet HTML 3Page - PHOENIX CONTACT 1786679 Datasheet HTML 4Page - PHOENIX CONTACT 1786679 Datasheet HTML 5Page - PHOENIX CONTACT 1786679 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MDSTB 2,5/ 2-G
Order No.: 1762046
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1762046
 
 
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 2, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918030964
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00345 KG
Catalog page information
Page 258 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
5 mm
Number of positions
2
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1786679

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786679 PHOENIX-1786679 Datasheet
175Kb / 7P
MDSTB 2,5/ 2-G-5,08
1786679 PHOENIX-1786679 Datasheet
196Kb / 7P
MDSTB 2,5/ 3-G-5,08
1786679 PHOENIX-1786679 Datasheet
175Kb / 7P
MDSTBV 2,5/ 2-G-5,08
1786679 PHOENIX-1786679 Datasheet
176Kb / 7P
MDSTBV 2,5/ 3-G-5,08
More results

Similar Description - 1786679

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762062 PHOENIX-1762062 Datasheet
175Kb / 7P
MDSTB 2,5/ 2-G-5,08
1762075 PHOENIX-1762075 Datasheet
196Kb / 7P
MDSTB 2,5/ 3-G-5,08
1762088 PHOENIX-1762088 Datasheet
58Kb / 4P
Printed-circuit board connector - MDSTB 2,5/ 2-G BK
1846467 PHOENIX-1846467 Datasheet
88Kb / 5P
Housing - MDSTB 2,5/12-G
1846441 PHOENIX-1846441 Datasheet
88Kb / 5P
Base strip - MDSTB 2,5/10-G
1842542 PHOENIX-1842542 Datasheet
120Kb / 5P
Housing - MDSTB 2,5/ 5-G-5,08
1842568 PHOENIX-1842568 Datasheet
87Kb / 5P
Housing - MDSTB 2,5/ 7-G-5,08
1844977 PHOENIX-1844977 Datasheet
89Kb / 5P
Housing - MDSTB 2,5/ 6-G-5,08
1846409 PHOENIX-1846409 Datasheet
88Kb / 5P
Base strip - MDSTB 2,5/ 6-G
1846438 PHOENIX-1846438 Datasheet
88Kb / 5P
Base strip - MDSTB 2,5/ 9-G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com