Electronic Components Datasheet Search
  English  ▼

X  

1757022 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1757022
Description  MDSTB 2,5/ 3-G1-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757022 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1757022 Datasheet HTML 1Page - PHOENIX CONTACT 1757022 Datasheet HTML 2Page - PHOENIX CONTACT 1757022 Datasheet HTML 3Page - PHOENIX CONTACT 1757022 Datasheet HTML 4Page - PHOENIX CONTACT 1757022 Datasheet HTML 5Page - PHOENIX CONTACT 1757022 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MDSTB 2,5/ 3-G1-5,08 Order No.: 1762376
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1762376
PHOENIX CONTACT Inc., USA
Page 2 / 6
http://www.phoenixcon.com
Feb 25, 2010
Technical data
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
10 A
Nominal voltage UN
250 V
Maximum load current
10 A (per position)
Insulating material
PA
Inflammability class acc. to UL 94
V0
Certificates / Approvals
Certification
CB, CSA, CUL, GOST, UL, VDE-PZI
CSA
Nominal voltage UN
300 V
Nominal current IN
10 A
CUL
Nominal voltage UN
300 V
Nominal current IN
10 A
UL
Nominal voltage UN
300 V
Nominal current IN
10 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com