Electronic Components Datasheet Search
  English  ▼

X  

1754520 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754520
Description  MDSTB 2,5/ 6-G1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754520 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754520 Datasheet HTML 1Page - PHOENIX CONTACT 1754520 Datasheet HTML 2Page - PHOENIX CONTACT 1754520 Datasheet HTML 3Page - PHOENIX CONTACT 1754520 Datasheet HTML 4Page - PHOENIX CONTACT 1754520 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MDSTB 2,5/ 6-G1
Order No.: 1762732
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1762732
 
 
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 6, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918031312
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.01189 KG
Catalog page information
Page 261 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
25 mm
Number of positions
6
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1754520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754520 PHOENIX-1754520 Datasheet
145Kb / 5P
MSTB 2,5/ 6-G
1754520 PHOENIX-1754520 Datasheet
142Kb / 6P
MSTB 2,5/ 6-ST
1754520 PHOENIX-1754520 Datasheet
106Kb / 4P
MSTB 2,5/ 6-G BK
More results

Similar Description - 1754520

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762376 PHOENIX-1762376 Datasheet
185Kb / 6P
MDSTB 2,5/ 3-G1-5,08
1762415 PHOENIX-1762415 Datasheet
185Kb / 6P
MDSTB 2,5/ 6-G1-5,08
1762444 PHOENIX-1762444 Datasheet
185Kb / 6P
MDSTB 2,5/ 9-G1-5,08
1762774 PHOENIX-1762774 Datasheet
184Kb / 5P
MDSTB 2,5/10-G1
1762538 PHOENIX-1762538 Datasheet
182Kb / 5P
MDSTB 2,5/19-G1-5,08
1762800 PHOENIX-1762800 Datasheet
180Kb / 5P
MDSTB 2,5/13-G1
1762842 PHOENIX-1762842 Datasheet
180Kb / 5P
MDSTB 2,5/17-G1
1762855 PHOENIX-1762855 Datasheet
180Kb / 5P
MDSTB 2,5/18-G1
1762868 PHOENIX-1762868 Datasheet
179Kb / 5P
MDSTB 2,5/19-G1
1762871 PHOENIX-1762871 Datasheet
179Kb / 5P
MDSTB 2,5/20-G1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com