Electronic Components Datasheet Search
  English  ▼

X  

1757022 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757022
Description  MDSTBV 2,5/ 3-G-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757022 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757022 Datasheet HTML 1Page - PHOENIX CONTACT 1757022 Datasheet HTML 2Page - PHOENIX CONTACT 1757022 Datasheet HTML 3Page - PHOENIX CONTACT 1757022 Datasheet HTML 4Page - PHOENIX CONTACT 1757022 Datasheet HTML 5Page - PHOENIX CONTACT 1757022 Datasheet HTML 6Page - PHOENIX CONTACT 1757022 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 7
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MDSTBV 2,5/ 3-G-5,08
Order No.: 1763087
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1763087
 
 
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm,
Number of positions: 3, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918031640
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00479 KG
Catalog page information
Page 262 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
10.16 mm
Number of positions
3
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1757022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1757022 PHOENIX-1757022 Datasheet
150Kb / 6P
MSTB 2,5/ 3-G-5,08
1757022 PHOENIX-1757022 Datasheet
146Kb / 7P
IC 2,5/ 3-ST-5,08
1757022 PHOENIX-1757022 Datasheet
196Kb / 7P
MDSTB 2,5/ 3-G-5,08
1757022 PHOENIX-1757022 Datasheet
185Kb / 6P
MDSTB 2,5/ 3-G1-5,08
More results

Similar Description - 1757022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1763045 PHOENIX-1763045 Datasheet
142Kb / 9P
Base strip - MDSTBV 2,5/ 3-G
1763074 PHOENIX-1763074 Datasheet
175Kb / 7P
MDSTBV 2,5/ 2-G-5,08
1762266 PHOENIX-1762266 Datasheet
198Kb / 12P
Feed-through header - MDSTBV 2,5/ 3-G-5,08 AU
1763126 PHOENIX-1763126 Datasheet
56Kb / 3P
Printed-circuit board connector - MDSTBV 2,5/ 3-G-5,08 BK
1845552 PHOENIX-1845552 Datasheet
83Kb / 5P
Base strip - MDSTBV 2,5/ 9-G-5,08
1874675 PHOENIX-1874675 Datasheet
101Kb / 6P
Base strip - MDSTBV 2,5/ 3-GFL-5,08
1874688 PHOENIX-1874688 Datasheet
102Kb / 6P
Base strip - MDSTBV 2,5/ 3-GFR-5,08
1762004 PHOENIX-1762004 Datasheet
333Kb / 17P
Printed-circuit board connector - MDSTBV 2,5/ 5-G-5,08
09/12/2020
1845581 PHOENIX-1845581 Datasheet
322Kb / 16P
Printed-circuit board connector - MDSTBV 2,5/12-G-5,08
09/12/2020
1845549 PHOENIX-1845549 Datasheet
1Mb / 26P
PCB header - MDSTBV 2,5/ 8-G-5,08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com