Electronic Components Datasheet Search
  English  ▼

X  

0804549 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 0804549
Description  GMSTBA 2,5/ 5-G-7,62
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT 0804549 Datasheet HTML 7Page - PHOENIX CONTACT 0804549 Datasheet HTML 8Page - PHOENIX CONTACT 0804549 Datasheet HTML 9Page - PHOENIX CONTACT 0804549 Datasheet HTML 10Page - PHOENIX CONTACT 0804549 Datasheet HTML 11Page - PHOENIX CONTACT 0804549 Datasheet HTML 12Page - PHOENIX CONTACT 0804549 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
1766262 GMSTBA 2,5/ 5-G-7,62
REF 1766233
PHOENIX CONTACT 11 / 13
2017-09-28
Product version 05
Document revision 0
16
Commercial Data
Order No.
1766262
Type
GMSTBA 2,5/ 5-G-7,62
Pieces per package
250
Net weight
2.478 g
GTIN
4017918032289
Information that applies locally, see link on page 1
Country of origin
Information that applies locally, see link on page 1
Order No.
Type
1767038
GMSTB 2,5/ 5-ST-7,62
1806148
FRONT-GMSTB 2,5/ 5-ST-7,62
1823095
GMSTBP 2,5/ 5-ST-7,62
1832442
GMVSTBW 2,5/ 5-ST-7,62
1832552
GMVSTBR 2,5/ 5-ST-7,62
1939662
GFKC 2,5/ 5-ST-7,62
17
corresponding plugs
Description
Order No.
Type
Coding section, inserted into the recess in the header or the inverted plug,
red insulating material
1734401
CR-MSTB
Keying cap, for forming sections, plugs onto header pin, green insulating
material
1755477
MSTB-BL
0804549
SK 7,62/3,8:FORTL.ZAHLEN
18
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com