Electronic Components Datasheet Search
  English  ▼

X  

MPXM2102AST1 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPXM2102AST1
Description  100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXM2102AST1 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPXM2102AST1 Datasheet HTML 9Page - NXP Semiconductors MPXM2102AST1 Datasheet HTML 10Page - NXP Semiconductors MPXM2102AST1 Datasheet HTML 11Page - NXP Semiconductors MPXM2102AST1 Datasheet HTML 12Page - NXP Semiconductors MPXM2102AST1 Datasheet HTML 13Page - NXP Semiconductors MPXM2102AST1 Datasheet HTML 14Page - NXP Semiconductors MPXM2102AST1 Datasheet HTML 15Page - NXP Semiconductors MPXM2102AST1 Datasheet HTML 16Page - NXP Semiconductors MPXM2102AST1 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MPX2102
Sensors
Freescale Semiconductor, Inc.
16
Pressure
REVISION HISTORY
Revision
number
Revision
date
Description of changes
9
01/2012
• In Table 1. Operating Characteristics, in the Characteristic column under Pressure Range, added
rows for Absolute Pressure Range MPX2102A and Differential Pressure Range MPX2102D
devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com