Electronic Components Datasheet Search
  English  ▼

X  

AMC1336 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336
Description  AMC1336-Q1 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1336 Datasheet HTML 17Page - Texas Instruments AMC1336 Datasheet HTML 18Page - Texas Instruments AMC1336 Datasheet HTML 19Page - Texas Instruments AMC1336 Datasheet HTML 20Page - Texas Instruments AMC1336 Datasheet HTML 21Page - Texas Instruments AMC1336 Datasheet HTML 22Page - Texas Instruments AMC1336 Datasheet HTML 23Page - Texas Instruments AMC1336 Datasheet HTML 24Page - Texas Instruments AMC1336 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
IN
Clipping
Clipping
V
V
2 V
u
ModulatorOutput
AnalogInput
+FS(AnalogInput)
-FS(AnalogInput)
21
AMC1336-Q1
www.ti.com
SBASA51 – MAY 2020
Product Folder Links: AMC1336-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.4 Clock Input
The AMC1336-Q1 system clock is provided externally at the CLKIN pin. The clock signal must be applied
continuously for proper device operation.
To support the bipolar input voltage range with a unipolar high-side supply AVDD, the AMC1336-Q1 includes a
charge pump. This charge pump stops operating if the clock signal is below the specified frequency range or if
the signal is paused or missing. In that case, the input bias current increases beyond the specified range and
significantly reduces the input resistance of the device. When the clock signal is paused or missing, the
modulator stops the analog signal conversion and the digital output signal remains frozen in the last logic state.
When the clock signal is applied again after a pause, the internal analog circuitry biasing must settle for proper
device performance. In this case, consider the tASTART specification in the Switching Characteristics table.
7.3.5 Digital Output
A differential input signal of 0 V ideally produces a stream of ones and zeros that are high 50% of the time. A
differential input of 1 V produces a stream of ones and zeros that are high 90% of the time. With 16 bits of
resolution, that percentage ideally corresponds to code 58982 (an unsigned code). A differential input of –1 V
produces a stream of ones and zeros that are high 10% of the time and ideally results in code 6553 with 16-bit
resolution. These input voltages are also the specified linear range of the AMC1336-Q1 with performance as
specified in this document. If the input voltage value exceeds this range, the output of the modulator shows
nonlinear behavior when the quantization noise increases. The output of the modulator clips with a stream of only
zeros with an input less than or equal to –1.25 V or with a stream of only ones with an input greater than or equal
to 1.25 V. In this case, however, the AMC1336-Q1 generates a single 1 (if the input is at negative full-scale) or 0
every 128 clock cycles to indicate proper device function (see the AVDD Diagnostics and Fail-Safe Output
section for more details). Figure 45 shows the input voltage versus the output modulator signal.
Figure 45. Analog Input versus the AMC1336-Q1 Modulator Output
Equation 1 calculates the density of ones in the output bitstream for any input voltage value (with the exception
of a full-scale input signal, as described in the Output Behavior in Case of a Full-Scale Input section):
(1)
The modulator bitstream on the DOUT pin changes with the rising edge of the clock signal applied on the CLKIN
pin. Use the rising edge of the clock to latch the modulator bitstream at the input of the digital filter device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com