Electronic Components Datasheet Search
  English  ▼

X  

DLPC6540 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6540
Description  DLPC6540 High Resolution Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6540 Datasheet(HTML) 4 Page - Texas Instruments

  DLPC6540 Datasheet HTML 1Page - Texas Instruments DLPC6540 Datasheet HTML 2Page - Texas Instruments DLPC6540 Datasheet HTML 3Page - Texas Instruments DLPC6540 Datasheet HTML 4Page - Texas Instruments DLPC6540 Datasheet HTML 5Page - Texas Instruments DLPC6540 Datasheet HTML 6Page - Texas Instruments DLPC6540 Datasheet HTML 7Page - Texas Instruments DLPC6540 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Vertical Back Porch (VBP)
Vertical Front Porch (VFP)
Horizontal
Back
Porch
(HBP)
Horizontal
Front
Porch
(HFP)
TLPF
TPPL
APPL
ALPF
4
DLPC6540
DLPS154 – APRIL 2020
www.ti.com
Product Folder Links: DLPC6540
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Device Support (continued)
Horizontal Sync (HS) Timing reference point that defines the start of each horizontal interval (line). The
absolute reference point is defined by the active edge of the HS signal. The active edge (either
rising or falling edge as defined by the source) is the reference from which all horizontal blanking
parameters are measured.
Total Lines Per Frame (TLPF) Defines the vertical period (or frame time) in lines: TLPF = Total number of lines
per frame (active and inactive).
Total Pixel Per Line (TPPL) Defines the horizontal line period in pixel clocks: TPPL = Total number of pixel
clocks per line (active and inactive).
Vertical Sync (VS) Timing reference point that defines the start of the vertical interval (frame). The absolute
reference point is defined by the active edge of the VS signal. The active edge (either rising or
falling edge as defined by the source) is the reference from which all vertical blanking parameters
are measured.
Vertical Back Porch (VBP) Blanking Number of blank lines after vertical sync but before the first active line.
Vertical Front Porch (VFP) Blanking Number of blank lines after the last active line but before vertical sync.
5.2 Trademarks
DLP is a registered trademark of Texas Instruments.
ARM is a registered trademark of ARM.
All other trademarks are the property of their respective owners.
5.3 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
5.4 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
6 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com