Electronic Components Datasheet Search
  English  ▼

X  

2N4402 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # 2N4402
Description  NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N4402 Datasheet(HTML) 3 Page - Continental Device India Limited

  2N4402 Datasheet HTML 1Page - Continental Device India Limited 2N4402 Datasheet HTML 2Page - Continental Device India Limited 2N4402 Datasheet HTML 3Page - Continental Device India Limited 2N4402 Datasheet HTML 4Page - Continental Device India Limited 2N4402 Datasheet HTML 5Page - Continental Device India Limited 2N4402 Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Continental Device India Limited
Data Sheet
Page 3 of 6
Characteristic
Symbol
2N4400 2N4401 2N4402 2N4403
Unit
Voltage Feedback Ratio
hre ALL
0.1-8.0
x10–4
IC=1mA, VCE=10V, f=1KHz
Output Admittance
IC=1mA, VCE=10V, f=1KHz hoe
1.0-30
1.0-30
1.0-100 1.0-100
µ
Collector-Base Capacitance
VCB=5V, IE=0, f=100KHz
Ccb
<6.5
<6.5
-
-
pF
VCB=10V, IE=0, f=140KHz
-
-
<8.5
<8.5
pF
Emitter-Base Capacitance
VEB=0.5V, IC=0, f=100KHz Ceb
<30
<30
-
-
pF
VEB=0.5V, IC=0, f=140KHz
-
-
<30
<30
pF
Transition Frequency
IC=20mA, VCE=10V
fT
>200
>250
>150
>200
MHz
f=100MHz
SWITCHING CHARACTERISTICS
VCC=30V, VEB=2V,
IC=150mA, IB1=15mA
Delay time
td ALL
<15
ns
Rise time
tr ALL
<20
ns
VCC=30V, IC=150mA,
IB1=IB2=15mA
Storage time
ts ALL
<225
ns
Fall time
tf ALL
<30
ns
*Pluse Test : Pluse width
≤ 300µs, duty ≤ 2.0%.
2N4400, 2N4401
2N4402, 2N4403



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com