Electronic Components Datasheet Search
  English  ▼

X  

2N4403 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N4403
Description  NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N4403 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N4403 Datasheet HTML 1Page - Continental Device India Limited 2N4403 Datasheet HTML 2Page - Continental Device India Limited 2N4403 Datasheet HTML 3Page - Continental Device India Limited 2N4403 Datasheet HTML 4Page - Continental Device India Limited 2N4403 Datasheet HTML 5Page - Continental Device India Limited 2N4403 Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 6
Characteristic
Symbol
2N4400/01
2N4402/03
Unit
Collector Emitter Voltage
IC=1mA, IB=0
BVCEO*
>40
>40
V
Collector Base Voltage
IC=100µA, IE=0
BVCBO
>60
>40
V
Emitter Base Voltage
IE=100µA, IC=0
BVEBO
>6
>5
V
Base Cutoff Current
VCE=35V, VBE=0.4V
IBEV
<0.1
<0.1
µA
Collector Cutoff Current
VCE=35V, VBE=0.4V
ICEX
<0.1
<0.1
µA
Collector-Emitter
Saturation Voltage
IC=150mA, IB=15mA
VCE (sat)*
<0.4
<0.4
V
IC=500mA, IB=50mA
<0.75
<0.75
V
Base-Emitter
Saturation Voltage
IC=150mA, IB=15mA
VBE (sat)*
0.75 to 0.95
0.75 to 0.95
V
IC=500mA,IB=50mA
<1.2
<1.3
V
Characteristic
Symbol
2N4400 2N4401 2N4402 2N4403
Unit
D C Current Gain
IC=0.1mA,VCE=1V
hFE
-
>20
-
>30
IC=1mA,VCE=1V
>20
>40
>30
>60
IC=10mA,VCE=1V
>40
>80
>50
>100
IC=150mA,VCE=1V*
50-150 100-300
-
-
IC=150mA,VCE=2V*
-
-
50-150 100-300
IC=500mA,VCE=2V*
>20
>40
>20
>20
DYNAMIC CHARACTERISTICS
Small Signal Current Gain
IC=1mA, VCE=10V, f=1KHz hfe
20-250
40-500
30-250 60-500
Input Impedance
IC=1mA, VCE=10V, f=1KHz hie
0.5-7.5
1.0-15 0.75-7.5
1.5-15
K
Ω
2N4400, 2N4401
2N4402, 2N4403



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com