Electronic Components Datasheet Search
  English  ▼

X  

1757530 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757530
Description  MSTB 2,5/ 9-ST BD:1-9
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757530 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757530 Datasheet HTML 1Page - PHOENIX CONTACT 1757530 Datasheet HTML 2Page - PHOENIX CONTACT 1757530 Datasheet HTML 3Page - PHOENIX CONTACT 1757530 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MSTB 2,5/ 9-ST BD:1-9
Order No.: 1767627
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1767627
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 9, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918226473
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.01541 KG
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI
CSA
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
28-12


Similar Part No. - 1757530

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757530 PHOENIX-1757530 Datasheet
95Kb / 3P
Header with side panels, plug-in direction parallel to the p.c.b.
1757530 PHOENIX-1757530 Datasheet
142Kb / 6P
MSTB 2,5/ 9-ST
1757530 PHOENIX-1757530 Datasheet
170Kb / 6P
MVSTBR 2,5/ 9-ST
1757530 PHOENIX-1757530 Datasheet
149Kb / 6P
MSTBT 2,5/ 9-ST
More results

Similar Description - 1757530

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754588 PHOENIX-1754588 Datasheet
142Kb / 6P
MSTB 2,5/ 9-ST
1757080 PHOENIX-1757080 Datasheet
148Kb / 7P
MSTB 2,5/ 9-ST-5,08
1760019 PHOENIX-1760019 Datasheet
109Kb / 5P
MSTB 2,5/ 9-ST-5,08 BD:1-9
1765315 PHOENIX-1765315 Datasheet
104Kb / 4P
MSTB 2,5/ 8-ST BD: 1-8
1765344 PHOENIX-1765344 Datasheet
107Kb / 5P
MSTB 2,5/ 3-ST BD: 1-3
1826681 PHOENIX-1826681 Datasheet
96Kb / 3P
MSTB 2,5/ 5-ST BD:1-5
1833263 PHOENIX-1833263 Datasheet
96Kb / 3P
MSTB 2,5/11-ST BD:1-11
1702788 PHOENIX-1702788 Datasheet
91Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 3-ST BD:9-11SOFS2,5
12/07/2018
1765861 PHOENIX-1765861 Datasheet
90Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 4-ST BD:9-12
11/04/2018
1966318 PHOENIX-1966318 Datasheet
89Kb / 4P
Printed-circuit board connector - MSTB 2,5/ 3-ST BD:9-11
11/05/2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com