Electronic Components Datasheet Search
  English  ▼

X  

LT6205 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6205
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6205 Datasheet(HTML) 3 Page - Linear Technology

  LT6205 Datasheet HTML 1Page - Linear Technology LT6205 Datasheet HTML 2Page - Linear Technology LT6205 Datasheet HTML 3Page - Linear Technology LT6205 Datasheet HTML 4Page - Linear Technology LT6205 Datasheet HTML 5Page - Linear Technology LT6205 Datasheet HTML 6Page - Linear Technology LT6205 Datasheet HTML 7Page - Linear Technology LT6205 Datasheet HTML 8Page - Linear Technology LT6205 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT6205/LT6206/LT6207
3
620567f
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the specified temperature
range, otherwise specifications are at TA = 25°C. VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = 1V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
VCM = 0 to V+ – 2V
q
78
90
dB
Input Voltage Range
q
0V+ – 2
V
PSRR
Power Supply Rejection Ratio
VS = 3V to 12V
q
67
75
dB
VCM = VOUT = 0.5V
Minimum Supply Voltage
VCM = 0.5V
q
2.7
V
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k
q
30
100
V/mV
VS = 5V, VO = 1V to 3V, RL = 150Ω
q
5
20
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k
q
20
60
V/mV
VOL
Output Voltage Swing Low (Note 7)
No Load, Input Overdrive = 30mV
q
10
25
mV
ISINK = 5mA
q
75
150
mV
VS = 5V, ISINK = 25mA
q
300
500
mV
VS = 3V, ISINK = 15mA
q
200
350
mV
VOH
Output Voltage Swing High (Note 7)
No Load, Input Overdrive = 30mV
q
60
100
mV
ISOURCE = 5mA
q
140
250
mV
VS = 5V, ISOURCE = 25mA
q
650
1200
mV
VS = 3V, ISOURCE = 15mA
q
300
500
mV
ISC
Short-Circuit Current
VS = 5V, Output Shorted to GND
35
60
mA
q
25
mA
VS = 3V, Output Shorted to GND
30
50
mA
q
20
mA
IS
Supply Current per Amplifier
3.75
5
mA
q
5.75
mA
GBW
Gain Bandwidth Product
f = 2MHz
q
65
100
MHz
SR
Slew Rate
VS = 5V, AV = 2, RF = RG = 1k
450
V/
µs
VO = 1V to 4V, Measured from 1.5V to 3.5V
Channel Separation
f = 10MHz
90
dB
FPBW
Full Power Bandwidth
VOUT = 2VP-P (Note 8)
71
MHz
tS
Settling time to 3%
VS = 5V, ∆VOUT = 2V, AV = –1, RL = 150Ω
15
ns
Settling time to 1%
25
ns
Differential Gain
VS = 5V, AV = 2, RL = 150Ω, Output Black Level =1V
0.05
%
Differential Phase
VS = 5V, AV = 2, RL = 150Ω, Output Black Level =1V
0.08
Deg
The q denotes specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = ±5V;
VCM = VOUT = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
1.3
4.5
mV
q
6mV
Input Offset Voltage Match
13
mV
(Channel-to-Channel) (Note 5)
q
4mV
Input Offset Voltage Drift (Note 6)
q
10
18
µV/°C
IB
Input Bias Current
q
18
30
µA
IOS
Input Offset Current
q
0.6
3
µA
Input Noise Voltage
0.1Hz to 10Hz
2
µVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com