Electronic Components Datasheet Search
  English  ▼

X  

FDP8447L Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # FDP8447L
Description  N-Channel 4 -V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

FDP8447L Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  FDP8447L Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd FDP8447L Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd FDP8447L Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd FDP8447L Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd FDP8447L Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd FDP8447L Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd FDP8447L Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
40
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
41
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 8
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.2
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
120
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 30 A
0.0055
Ω
VGS = 4.5 V, ID = 20 A
0.0070
Forward Transconductancea
gfs
VDS = 15 V, ID = 30 A
180
S
Dynamicb
Input Capacitance
Ciss
VDS = 20 V, VGS = 0 V, f = 1 MHz
2400
pF
Output Capacitance
Coss
750
Reverse Transfer Capacitance
Crss
310
Total Gate Charge
Qg
VDS = 20 V, VGS = 10 V, ID = 20 A
130
nC
Gate-Source Charge
Qgs
20
Gate-Drain Charge
Qgd
32
Gate Resistance
Rg
f = 1 MHz
0.85
1.3
Ω
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 1.0 Ω
ID ≅ 20 A, VGEN = 10 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
11
17
Turn-Off Delay Time
td(off)
77
115
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
VDD = 20 V, RL = 1.0 Ω
ID ≅ 20 A, VGEN = 4.5 V, Rg = 1 Ω
102
155
Rise Time
tr
62
95
Turn-Off Delay Time
td(off)
180
270
Fall Time
tf
60
90
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
110
A
Pulse Diode Forward Currenta
ISM
200
Body Diode Voltage
VSD
IS = 20 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 20 A, di/dt = 100 A/µs, TJ = 25 °C
50
75
ns
Body Diode Reverse Recovery Charge
Qrr
70
105
nC
Reverse Recovery Fall Time
ta
30
ns
Reverse Recovery Rise Time
tb
20
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
FDP8447L
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com