Electronic Components Datasheet Search
  English  ▼

X  

0804549 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 0804549
Description  PC 4/ 6-ST-7,62
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PC 4/ 6-ST-7,62 Order No.: 1804946
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1804946
PHOENIX CONTACT Inc., USA
Page 5 / 6
http://www.phoenixcon.com
Mar 11, 2010
1876246
PCVK 4-7,62-PE
Plug component, Nom. voltage: 500 V, Pitch: 7.62 mm, Number of
positions: 1, Width: 7.62 mm, Connection type: Screw connection,
Color: green-yellow
1838381
UPCV3K 4-G-7,62
Header, Nominal current: 20 A, Nom. voltage: 800 V, Pitch: 7.62
mm, Number of positions: 1, Width: 7.62 mm, Connection type:
Screw connection, Color: gray
Diagrams/Drawings
Diagram
Derating curve for: PC 4/..-ST-7,62 with PC
4/..-G-7,62
Derating curve for: PC 4/..-ST-7,62 with PCV
4/..-G-7,62
Dimensioned drawing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com