Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA810
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA810 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 8Page - Texas Instruments OPA810 Datasheet HTML 9Page - Texas Instruments OPA810 Datasheet HTML 10Page - Texas Instruments OPA810 Datasheet HTML 11Page - Texas Instruments OPA810 Datasheet HTML 12Page - Texas Instruments OPA810 Datasheet HTML 13Page - Texas Instruments OPA810 Datasheet HTML 14Page - Texas Instruments OPA810 Datasheet HTML 15Page - Texas Instruments OPA810 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Time (100 ns/div)
-0.1
-0.05
0
0.05
0.1
0.15
D052
Load Capacitance (pF)
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
D053
Overshoot, VO = 2 VPP
Undershoot, VO = 2 VPP
Overshoot, VO = 200 mVPP
Undershoot, VO = 200 mVPP
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
1k
10k
100k
1M
D049
HD2, RL = 1 k:
HD3, RL = 1 k:
HD2, RL = 500 :
HD3, RL = 500 :
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
1k
10k
100k
1M
D050
HD2, Gain = 1
HD3, Gain = 1
HD2, Gain = 2
HD3, Gain = 2
HD2, Gain = -1
HD3, Gain = -1
Frequency (Hz)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
100k
1M
10M
100M
D051
Gain = 1 V/V
Gain = 1 V/V
Gain = 2 V/V
Gain = 5 V/V
Gain = 10 V/V
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
1k
10k
100k
1M
D048
HD2, RL = 1 k:
HD3, RL = 1 k:
HD2, RL = 500 :
HD3, RL = 500 :
12
OPA810
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics: VS = 10 V (continued)
at VS+ = 5 V, VS– = –5 V, RL = 1 kΩ, input and output are biased to midsupply, and TA ≈ 25°C. For AC specifications, VO = 2
VPP, G = 2 V/V, RF = 1 kΩ, and CL = 4.7 pF (unless otherwise noted)
See Figure 62 and Figure 63, VO = 20 mVPP
Figure 7. Small-Signal Response Flatness vs Gain
See Figure 62, gain = 2 V/V
Figure 8. Harmonic Distortion vs Frequency
See Figure 63, gain = –1 V/V
Figure 9. Harmonic Distortion vs Frequency
See Figure 62 and Figure 63, RF = 0 Ω
Figure 10. Harmonic Distortion vs Gain
See Figure 62, gain = 1 V/V, RF = 0 Ω, CL = 10 pF
Figure 11. Small-Signal Transient Response
See Figure 62, gain = 1 V/V, RF = 0 Ω
Figure 12. Overshoot and Undershoot vs CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com