Electronic Components Datasheet Search
  English  ▼

X  

1815167 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1815167
Description  Printed-circuit board connector - PTSM 0,5/ 6-HHI0-2,5-SMD R44
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1815167 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1815167 Datasheet HTML 1Page - PHOENIX CONTACT 1815167 Datasheet HTML 2Page - PHOENIX CONTACT 1815167 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1815167
08/25/2014   Page 1 / 3
Printed-circuit board connector - PTSM 0,5/ 6-HHI0-2,5-SMD
R44 - 1815167
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Header, Nominal current: 6 A, Rated voltage (III/2): 160 V, Number of positions: 6, Pitch: 2.5 mm, Color: black,
Contact surface: Tin, Assembly: Taped SMD/THT/THR components
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
500 pc
Custom tariff number
85369010
Country of origin
Germany
Technical data
Dimensions
Length
12 mm
Height
5 mm
Pitch
2.5 mm
Dimension a
12.5 mm
General
Range of articles
PTSM 0,5/..-HHI-SMD
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
63 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
160 V
Nominal current IN
6 A


Similar Part No. - 1815167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1815109 PHOENIX-1815109 Datasheet
63Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 7-HHI-2,5-THR R32
1815112 PHOENIX-1815112 Datasheet
63Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 8-HHI-2,5-THR R32
1815125 PHOENIX-1815125 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 2-HHI0-2,5-SMD R24
1815138 PHOENIX-1815138 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 3-HHI0-2,5-SMD R44
1815141 PHOENIX-1815141 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 4-HHI0-2,5-SMD R44
More results

Similar Description - 1815167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1810751 PHOENIX-1810751 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 6-HHI-2,5-SMD R44
1815125 PHOENIX-1815125 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 2-HHI0-2,5-SMD R24
1815138 PHOENIX-1815138 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 3-HHI0-2,5-SMD R44
1815141 PHOENIX-1815141 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 4-HHI0-2,5-SMD R44
1815154 PHOENIX-1815154 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 5-HHI0-2,5-SMD R44
1815170 PHOENIX-1815170 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 7-HHI0-2,5-SMD R44
1815183 PHOENIX-1815183 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 8-HHI0-2,5-SMD R44
1815206 PHOENIX-1815206 Datasheet
68Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 3-HHI0-2,5-SMD WHR44
1815235 PHOENIX-1815235 Datasheet
68Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 6-HHI0-2,5-SMD WHR44
1815196 PHOENIX-1815196 Datasheet
68Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 2-HHI0-2,5-SMD WHR24
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com