Electronic Components Datasheet Search
  English  ▼

X  

MPX2200DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPX2200DP
Description   200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX2200DP Datasheet(HTML) 3 Page - NXP Semiconductors

  MPX2200DP Datasheet HTML 1Page - NXP Semiconductors MPX2200DP Datasheet HTML 2Page - NXP Semiconductors MPX2200DP Datasheet HTML 3Page - NXP Semiconductors MPX2200DP Datasheet HTML 4Page - NXP Semiconductors MPX2200DP Datasheet HTML 5Page - NXP Semiconductors MPX2200DP Datasheet HTML 6Page - NXP Semiconductors MPX2200DP Datasheet HTML 7Page - NXP Semiconductors MPX2200DP Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPX2200
Sensors
Freescale Semiconductor
3
Pressure
Maximum Ratings
Voltage Output versus Applied Differential
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the pressure
side (P1) relative to the vacuum side (P2). Similarly, output
voltage increases as increasing vacuum is applied to the
vacuum side (P2) relative to the pressure side (P1).
Figure 1 shows a block diagram of the internal circuitry on
the stand-alone pressure sensor chip.
Figure 1. Temperature Compensated and Calibrated
Pressure Sensor Schematic
Table 2. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Max Value
Unit
Maximum Pressure (P1 > P2)
800
kPa
Storage Temperature
–40 to +125
°C
Operating Temperature
–40 to +125
°C
+VOUT
–VOUT
4
2
VS
3
Sensing
Element
GND
1
Thin Film
Temperature
Compensation
and Calibration
Circuitry



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com