Electronic Components Datasheet Search
  English  ▼

X  

MPX2200AP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPX2200AP
Description   200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX2200AP Datasheet(HTML) 1 Page - NXP Semiconductors

  MPX2200AP Datasheet HTML 1Page - NXP Semiconductors MPX2200AP Datasheet HTML 2Page - NXP Semiconductors MPX2200AP Datasheet HTML 3Page - NXP Semiconductors MPX2200AP Datasheet HTML 4Page - NXP Semiconductors MPX2200AP Datasheet HTML 5Page - NXP Semiconductors MPX2200AP Datasheet HTML 6Page - NXP Semiconductors MPX2200AP Datasheet HTML 7Page - NXP Semiconductors MPX2200AP Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPX2200
Rev 13, 10/2008
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2006-2008. All rights reserved.
Pressure
+
200 kPa On-Chip Temperature
Compensated Silicon
Pressure Sensors
The MPX2200 series devices are silicon piezoresistive pressure sensor
providing a highly accurate and linear voltage output directly proportional to
the applied pressure. The sensor is a single monolithic silicon diaphragm with
the strain gauge and a thin-film resistor network integrated on-chip. The chip
is laser trimmed for precise span and offset calibration and temperature
compensation. They are designed for use in applications such as pump/
motor controllers, robotics, level indicators, medical diagnostics, pressure
switching, barometers, altimeters, etc.
Features
•
Temperature Compensated Over 0
°C to +85°C
•
±0.25% Linearity (MPX2200D)
•
Easy-to-Use Chip Carrier Package Options
•
Absolute, Differential and Gauge Options
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX2200 Series)
MPX2200A
Tray
344
•
•
MPX2200A
MPX2200D
Tray
344
•
•
MPX2200D
MPX2200DP
Tray
344C
•
•
MPX2200DP
MPX2200AP
Tray
344B
•
•
MPX2200AP
MPX2200GP
Tray
344B
•
•
MPX2200GP
MPX2200
Series
0 to 200 kPa (0 to 29 psi)
40 mV Full Scale Span
(Typical)
UNIBODY PACKAGES
MPX2200A/D
CASE 344-15
MPX2200DP
CASE 344C-01
MPX2200AP/GP
CASE 344B-01
Application Examples
• Pump/Motor Control
• Robotics
• Level Detectors
• Medical Diagnostics
• Pressure Switching
• Barometers
• Altimeters


Similar Part No. - MPX2200AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2200AP MOTOROLA-MPX2200AP Datasheet
171Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2200AP MOTOROLA-MPX2200AP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX2200AP FREESCALE-MPX2200AP Datasheet
207Kb / 8P
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2200AP FREESCALE-MPX2200AP Datasheet
118Kb / 8P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2200AP/GP FREESCALE-MPX2200AP/GP Datasheet
207Kb / 8P
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
More results

Similar Description - MPX2200AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2202 MOTOROLA-MPXM2202 Datasheet
245Kb / 8P
200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPX2202 MOTOROLA-MPX2202 Datasheet
319Kb / 12P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
logo
Freescale Semiconductor...
MPMZ2202 FREESCALE-MPMZ2202 Datasheet
108Kb / 7P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPVZ2202 FREESCALE-MPVZ2202 Datasheet
98Kb / 7P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
MPXM2202 FREESCALE-MPXM2202 Datasheet
265Kb / 9P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2200 FREESCALE-MPX2200_08 Datasheet
118Kb / 8P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2202 FREESCALE-MPX2202_08 Datasheet
356Kb / 18P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102_12 Datasheet
302Kb / 17P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2202 FREESCALE-MPX2202_12 Datasheet
342Kb / 19P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2202 NXP-MPX2202 Datasheet
412Kb / 19P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 8, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com