Electronic Components Datasheet Search
  English  ▼

X  

LJB21 Datasheet(PDF) 1 Page - Schneider Electric

Part # LJB21
Description  WIREWAY 2 x 2 - N12 - 1 ft lg
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LJB21 Datasheet(HTML) 1 Page - Schneider Electric

  LJB21 Datasheet HTML 1Page - Schneider Electric LJB21 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
LJB21
WIREWAY 2 x 2 - N12 - 1 ft lg
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 99.00 USD
Main
Product
Straight length
Range
SQUARE-Duct
Length
0.30 m (1 ft)
Cross Section
2.5 x 2.5 in
Enclosure Rating
NEMA 12
Enclosure Material
Steel 14 gauge without knock-outs
Finish
Grey polyester powder ANSI 49
Cover Type
Hinged and gasketed cover
Certifications
UL Listed
Ordering and shipping details
Category
01424 - LJB WIREWAY, NEMA 12
Discount Schedule
PE9
GTIN
00785901205333
Returnability
No
Country of origin
MX
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Jun 3, 2020
1


Similar Part No. - LJB21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LJB210 SCHNEIDER-LJB210 Datasheet
57Kb / 2P
WIREWAY 2 x 2 - N12 - 10 ft lg
Jun 3, 2020
More results

Similar Description - LJB21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LJB22 SCHNEIDER-LJB22 Datasheet
57Kb / 2P
WIREWAY 2 x 2 - N12 - 2 ft lg
LJB23 SCHNEIDER-LJB23 Datasheet
57Kb / 2P
WIREWAY 2 x 2 - N12 - 3 ft lg
LJB24 SCHNEIDER-LJB24 Datasheet
57Kb / 2P
WIREWAY 2 x 2 - N12 - 4 ft lg
LJB25 SCHNEIDER-LJB25 Datasheet
57Kb / 2P
WIREWAY 2 x 2 - N12 - 5 ft lg
LJB42 SCHNEIDER-LJB42 Datasheet
58Kb / 2P
WIREWAY 4 x 4 - N12 - 2 ft lg
LJB62 SCHNEIDER-LJB62 Datasheet
58Kb / 2P
WIREWAY 6 x 6 - N12 - 2 ft lg
LJB82 SCHNEIDER-LJB82 Datasheet
57Kb / 2P
WIREWAY 8 x 8 - N12 - 2 ft lg
LJB206 SCHNEIDER-LJB206 Datasheet
58Kb / 2P
WIREWAY 2 x 2 - N12 - 6 in lg
Jun 3, 2020
LJB210 SCHNEIDER-LJB210 Datasheet
57Kb / 2P
WIREWAY 2 x 2 - N12 - 10 ft lg
Jun 3, 2020
LJB1262 SCHNEIDER-LJB1262 Datasheet
57Kb / 2P
WIREWAY 12 x 6 - N12 - 2 ft lg
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com