Electronic Components Datasheet Search
  English  ▼

X  

SP720AP Datasheet(PDF) 3 Page - Littelfuse

Part # SP720AP
Description  TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP720AP Datasheet(HTML) 3 Page - Littelfuse

  SP720AP Datasheet HTML 1Page - Littelfuse SP720AP Datasheet HTML 2Page - Littelfuse SP720AP Datasheet HTML 3Page - Littelfuse SP720AP Datasheet HTML 4Page - Littelfuse SP720AP Datasheet HTML 5Page - Littelfuse SP720AP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
230
www .littelfuse .com
TVS Diode Arrays
Electronic Protection Array for ESD and Overvoltage Protection
SP720
FIGURE 2. LOW CURRENT SCR FORWARD VOLTAGE DROP
CURVE
FIGURE 3. HIGH CURRENT SCR FORWARDVOLTAGE DROP
CURVE
600
800
1000
1200
FORWARD SCR VOLTAGE DROP (mV)
100
80
60
40
20
0
TA = 25
oC
SINGLE PULSE
2.5
2
1.5
1
0.5
0
TA = 25
oC
SINGLE PULSE
VFWD
IFWD
01
2
3
FORWARD SCR VOLTAGE DROP (V)
EQUIV. SAT. ON
THRESHOLD ~ 1.1V
FIGURE 4. TYPICAL APPLICATION OF THE SP720 AS AN INPUT CLAMP FOR OVER-VOLTAGE, GREATER THAN 1VBE ABOVE V+ OR
LESS THAN -1V BE BELOW V-
+VCC
+VCC
INPUT
DRIVERS
PROTECTION CIRCUIT
(1 OF 14 ON CHIP)
SP720 INPUT
OR
SIGNAL
SOURCES
IN 9-15
IN 1-7
SP720
V-
TO +VCC
LINEAR OR
DIGITAL IC
INTERFACE
V+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com