Electronic Components Datasheet Search
  English  ▼

X  

M28W320EB-ZB Datasheet(PDF) 33 Page - STMicroelectronics

Part # M28W320EB-ZB
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320EB-ZB Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M28W320EB-ZB Datasheet HTML 29Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 30Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 31Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 32Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 33Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 34Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 35Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 36Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
33/45
M28W320EBT, M28W320EBB
APPENDIX B. COMMON FLASH INTERFACE (CFI)
The Common Flash Interface is a JEDEC ap-
proved, standardized data structure that can be
read from the Flash memory device. It allows a
system software to query the device to determine
various electrical and timing parameters, density
information and functions supported by the mem-
ory. The system can interface easily with the de-
vice, enabling the software to upgrade itself when
necessary.
When the CFI Query Command (RCFI) is issued
the device enters CFI Query mode and the data
structure is read from the memory. Tables 23, 24,
25, 26, 27 and 28 show the addresses used to re-
trieve the data.
The CFI data structure also contains a security
area where a 64 bit unique security number is writ-
ten (see Table 28, Security Code area). This area
can be accessed only in Read mode by the final
user. It is impossible to change the security num-
ber after it has been written by ST. Issue a Read
command to return to Read mode.
Table 23. Query Structure Overview
Note: Query data are always presented on the lowest order data outputs.
Table 24. CFI Query Identification String
Note: Query data are always presented on the lowest order data outputs (DQ7-DQ0) only. DQ8-DQ15 are ‘0’.
Offset
Sub-section Name
Description
00h
Reserved
Reserved for algorithm-specific information
10h
CFI Query Identification String
Command set ID and algorithm data offset
1Bh
System Interface Information
Device timing & voltage information
27h
Device Geometry Definition
Flash device layout
P
Primary Algorithm-specific Extended Query table
Additional information specific to the Primary
Algorithm (optional)
A
Alternate Algorithm-specific Extended Query table
Additional information specific to the Alternate
Algorithm (optional)
Offset
Data
Description
Value
00h
0020h
Manufacturer Code
ST
01h
88BCh
88BDh
Device Code
Top
Bottom
02h-0Fh
reserved
Reserved
10h
0051h
Query Unique ASCII String "QRY"
“Q”
11h
0052h
Query Unique ASCII String "QRY"
“R”
12h
0059h
Query Unique ASCII String "QRY"
“Y”
13h
0003h
Primary Algorithm Command Set and Control Interface ID code 16 bit ID
code defining a specific algorithm
Intel
Compatible
14h
0000h
15h
offset = P =
0035h
Address for Primary Algorithm extended Query table
P=35h
16h
0000h
17h
0000h
Alternate Vendor Command Set and Control Interface ID Code second
vendor - specified algorithm supported (note: 0000h means none exists)
NA
18h
0000h
19h
value = A =
0000h
Address for Alternate Algorithm extended Query table
note: 0000h means none exists
NA
1Ah
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com