Electronic Components Datasheet Search
  English  ▼

X  

TLS025 Datasheet(PDF) 1 Page - Littelfuse

Part # TLS025
Description  TLS Series Telecommunications Power Fuse
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TLS025 Datasheet(HTML) 1 Page - Littelfuse

  TLS025 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS
Voltage Rating: 170 VDC
Interrupting Rating: 100,000 amperes
Ampere Range: 1 – 125 amperes
Approvals: UL Recognized under the components program
(File No: E71611)
Construction: Caps: Silver-plated brass
Body: Glass melamine
AMPERE RATINGS
1
6
20356090
3
10254070100
5
15305080125
Example part number (series & amperage): TLS050
ORDERING INFORMATION
* Used for circuit board applications.
RECOMMENDED FUSE BLOCKS
LTFD series disconnect switches
Contact factory for more information.
Catalog
Catalog No.
Ampere
No.
Leaded Version*
Rating
TLS001
TLS001L
1
TLS003
TLS003L
3
TLS005
TLS005L
5
TLS006
TLS006L
6
TLS010
TLS010L
10
TLS015
TLS015L
15
TLS020
TLS020L
20
TLS025
TLS025L
25
TLS030
TLS030L
30
TLS035
TLS035L
35
TLS040
TLS040L
40
TLS050
TLS050L
50
TLS060
TLS060L
60
TLS070
TLS070L
70
TLS080
TLS080L
80
TLS090
TLS090L
90
TLS100
TLS100L
100
TLS125
TLS125L
125
77
TLS Series Telecommunications Power Fuse
170 VDC I Current Limiting I 1 – 125 Amperes
Littelfuse’s TLS Series fuses are designed specifically for the
protection of telecommunications equipment. TLS fuses
have been engineered to operate up to 170 VDC to provide
current limiting short circuit protection for cables and compo-
nents found in the DC power distribution circuits of telecom-
munications systems. The TLS’ compact design provides
superior protection and high power density in an extremely
compact package.
FEATURES
I
170 VDC
I
Current limiting
I
1 to 125 amperes
I
Multiple mounting configurations
Contact Littelfuse for characteristic curves. Dimensions for reference only.
Replaces competitors’ TPS and TGS Series.
TLS-V
TLS-L
TLS-LB
NEW
TLS


Similar Part No. - TLS025

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS011F11 TAOGLAS-TLS011F11 Datasheet
2Mb / 21P
Shockwave 698~960/1575.42/1710~2700MHz Permanent Mount External Antenna N Type(M) connector
TLS011F21 TAOGLAS-TLS011F21 Datasheet
2Mb / 21P
Shockwave 698~960/1575.42/1710~2700MHz Permanent Mount External Antenna
TLS01305111 TAOGLAS-TLS01305111 Datasheet
3Mb / 23P
Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
TLS01305721 TAOGLAS-TLS01305721 Datasheet
3Mb / 25P
Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
More results

Similar Description - TLS025

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L17T70 LITTELFUSE-L17T70 Datasheet
419Kb / 1P
L17T Series Telecommunications Power Fuse
TLN LITTELFUSE-TLN Datasheet
115Kb / 1P
Telecommunications Power Fuse
TLS LITTELFUSE-TLS_05 Datasheet
164Kb / 1P
Telecommunications Power Fuse
SPFJ125 LITTELFUSE-SPFJ125 Datasheet
880Kb / 6P
SPFJ SERIES FUSE
0203.250HXG LITTELFUSE-0203.250HXG Datasheet
163Kb / 3P
203 Series Fuse
logo
List of Unclassifed Man...
ECL-111-619 ETC2-ECL-111-619 Datasheet
2Mb / 1P
TLS 2200 Voice & Data Comm Materials
logo
Axiomtek Co., Ltd.
GOT3106T-832 AXIOMTEK-GOT3106T-832 Datasheet
394Kb / 2P
Over-current power protection-fuse
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
ferrule power distribution fuse blocks
logo
Littelfuse
MDB LITTELFUSE-MDB Datasheet
203Kb / 2P
MDB SERIES MIDI POWER DISTRIBUTION FUSE HOLDER
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com