Electronic Components Datasheet Search
  English  ▼

X  

1873375 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1873375
Description  SMSTB 2,5/ 4-ST-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1873375 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1873375 Datasheet HTML 1Page - PHOENIX CONTACT 1873375 Datasheet HTML 2Page - PHOENIX CONTACT 1873375 Datasheet HTML 3Page - PHOENIX CONTACT 1873375 Datasheet HTML 4Page - PHOENIX CONTACT 1873375 Datasheet HTML 5Page - PHOENIX CONTACT 1873375 Datasheet HTML 6Page - PHOENIX CONTACT 1873375 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 7
http://www.phoenixcon.com
Jan 31, 2011
Extract from the online
catalog
 
SMSTB 2,5/ 4-ST-5,08
Order No.: 1826306
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1826306
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 4, Pitch: 5.08 mm, Color: green, Metal surface:
Sn
 
Commercial data
GTIN (EAN)
4
017918
122058
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 201 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Height
15.5 mm
Pitch
5.08 mm
Dimension a
15.24 mm
Number of positions
4


Similar Part No. - 1873375

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873375 PHOENIX-1873375 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1873375 PHOENIX-1873375 Datasheet
176Kb / 7P
MVSTBR 2,5/ 4-ST-5,08
1873375 PHOENIX-1873375 Datasheet
156Kb / 7P
MVSTBW 2,5/ 4-ST-5,08
1873375 PHOENIX-1873375 Datasheet
161Kb / 6P
ICV 2,5/ 4-G-5,08
1873375 PHOENIX-1873375 Datasheet
154Kb / 6P
IC 2,5/ 4-G-5,08
More results

Similar Description - 1873375

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1826296 PHOENIX-1826296 Datasheet
129Kb / 7P
SMSTB 2,5/ 3-ST-5,08
1826319 PHOENIX-1826319 Datasheet
164Kb / 9P
Printed-circuit board connector - SMSTB 2,5/ 5-ST-5,08
1826335 PHOENIX-1826335 Datasheet
135Kb / 9P
Printed-circuit board connector - SMSTB 2,5/ 7-ST-5,08
1826348 PHOENIX-1826348 Datasheet
136Kb / 9P
Printed-circuit board connector - SMSTB 2,5/ 8-ST-5,08
1826429 PHOENIX-1826429 Datasheet
132Kb / 9P
Printed-circuit board connector - SMSTB 2,5/16-ST-5,08
1701608 PHOENIX-1701608 Datasheet
62Kb / 3P
Plug - SMSTB 2,5/ 3-ST-5,08 1RNPABDWH
1768888 PHOENIX-1768888 Datasheet
122Kb / 5P
SMSTB 2,5/15-ST
1863738 PHOENIX-1863738 Datasheet
54Kb / 4P
Printed-circuit board connector - SMSTB 2,5/ 4-ST-5,08 BEIGE
1920228 PHOENIX-1920228 Datasheet
59Kb / 5P
Printed-circuit board connector - SMSTB 2,5/ 4-ST-5,08 AU
1971086 PHOENIX-1971086 Datasheet
725Kb / 17P
PCB connector - SMSTB 2,5/ 4-STF-5,08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com