Electronic Components Datasheet Search
  English  ▼

X  

1908774 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1908774
Description  MCVR 1,5/ 3-ST-3,81
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1908774 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1908774 Datasheet HTML 1Page - PHOENIX CONTACT 1908774 Datasheet HTML 2Page - PHOENIX CONTACT 1908774 Datasheet HTML 3Page - PHOENIX CONTACT 1908774 Datasheet HTML 4Page - PHOENIX CONTACT 1908774 Datasheet HTML 5Page - PHOENIX CONTACT 1908774 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 11, 2010
Extract from the online
catalog
 
MCVR 1,5/ 3-ST-3,81
Order No.: 1827130
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1827130
 
 
Plug component, Nominal current: 8 A, Nom. voltage: 160 V, Pitch:
3.81 mm, Number of positions: 3, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918114299
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.002791 KG
Catalog page information
Page 144 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Height
12.5 mm
Pitch
3.81 mm
Dimension a
7.62 mm
Number of positions
3


Similar Part No. - 1908774

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1908774 PHOENIX-1908774 Datasheet
144Kb / 6P
MC 1,5/ 3-ST-3,81
1908774 PHOENIX-1908774 Datasheet
151Kb / 6P
MCVW 1,5/ 3-ST-3,81
1908774 PHOENIX-1908774 Datasheet
149Kb / 6P
FK-MCP 1,5/ 3-ST-3,81
More results

Similar Description - 1908774

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827143 PHOENIX-1827143 Datasheet
137Kb / 6P
MCVR 1,5/ 4-ST-3,81
1827156 PHOENIX-1827156 Datasheet
163Kb / 6P
MCVR 1,5/ 5-ST-3,81
1827169 PHOENIX-1827169 Datasheet
138Kb / 6P
MCVR 1,5/ 6-ST-3,81
1827172 PHOENIX-1827172 Datasheet
138Kb / 6P
MCVR 1,5/ 7-ST-3,81
1827185 PHOENIX-1827185 Datasheet
138Kb / 6P
MCVR 1,5/ 8-ST-3,81
1827198 PHOENIX-1827198 Datasheet
138Kb / 6P
MCVR 1,5/ 9-ST-3,81
1827208 PHOENIX-1827208 Datasheet
138Kb / 6P
MCVR 1,5/10-ST-3,81
1827224 PHOENIX-1827224 Datasheet
138Kb / 6P
MCVR 1,5/12-ST-3,81
1827237 PHOENIX-1827237 Datasheet
137Kb / 6P
MCVR 1,5/13-ST-3,81
1827240 PHOENIX-1827240 Datasheet
137Kb / 6P
MCVR 1,5/14-ST-3,81
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com