Electronic Components Datasheet Search
  English  ▼

X  

1828621 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1828621
Description  MCV 1,5/15-GF-3,81
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1828621 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1828621 Datasheet HTML 1Page - PHOENIX CONTACT 1828621 Datasheet HTML 2Page - PHOENIX CONTACT 1828621 Datasheet HTML 3Page - PHOENIX CONTACT 1828621 Datasheet HTML 4Page - PHOENIX CONTACT 1828621 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Mar 11, 2010
Extract from the online
catalog
 
MCV 1,5/15-GF-3,81
Order No.: 1830729
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1830729
 
 
Header, Nominal current: 8 A, Nom. voltage: 160 V, Pitch: 3.81 mm,
Number of positions: 15, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918051372
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00507 KG
Catalog page information
Page 175 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
7.25 mm
Pitch
3.81 mm
Dimension a
53.34 mm
Number of positions
15
Pin dimensions
0,8 x 0,8 mm


Similar Part No. - 1828621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1828621 PHOENIX-1828621 Datasheet
150Kb / 5P
SMC 1,5/15-GF-3,81
More results

Similar Description - 1828621

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830651 PHOENIX-1830651 Datasheet
109Kb / 6P
Base strip - MCV 1,5/ 8-GF-3,81 - 1830651
1803552 PHOENIX-1803552 Datasheet
164Kb / 5P
MCV 1,5/15-G-3,81
1830648 PHOENIX-1830648 Datasheet
91Kb / 6P
Base strip - MCV 1,5/ 7-GF-3,81
1830716 PHOENIX-1830716 Datasheet
93Kb / 6P
Base strip - MCV 1,5/14-GF-3,81
1830732 PHOENIX-1830732 Datasheet
145Kb / 5P
MCV 1,5/16-GF-3,81
1704065 PHOENIX-1704065 Datasheet
58Kb / 3P
MCV 1,5/ 3-GF-3,81 GY AU
1968905 PHOENIX-1968905 Datasheet
43Kb / 2P
Printed-circuit board connector - MCV 1,5/15-GF-3,81 PIN 4,6
1827554 PHOENIX-1827554 Datasheet
150Kb / 5P
SMC 1,5/15-GF-3,81
1830622 PHOENIX-1830622 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 5-GF-3,81
Jul 20, 2022
1830606 PHOENIX-1830606 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 3-GF-3,81
Jul 20, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com