Electronic Components Datasheet Search
  English  ▼

X  

FRF1007G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FRF1007G
Description  Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FRF1007G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FRF1007G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FRF1007G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 408 -
.272(6.9)
.248(6.3)
.543(13.8)
.512(13.2)
.110(2.8)
.098(2.5)
.606(15.5)
.583(14.8)
.112(2.85)
.100(2.55)
.134(3.4)DIA
.113(3.0)DIA
.390(9.90)
.406(10.3)
.185(4.7)
.173(4.4)
.118(3.0)
.124(3.16)
.030(0.76)
.043(1.1)
.020(0.5)
.035(0.9)
.094(2.4)
.106(2.7)
.094(2.4)
.106(2.7)
.146(3.7)
.161(4.1)
.055(1.4)
.020(0.50)
PIN 1
PIN 3
Positive CT
PIN 2
FRF1001G THRU FRF1007G
Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
10 Amperes
Features
a
Low forward voltage drop
a
High current capability
a
High reliability
a
High surge current capability
Mechanical Data
a
Cases: ITO-220AB molded plastic
a
Epoxy: UL 94V-0 rate flame retardant
a
Terminals: Leads solderable per
MIL-STD-202, Method 208 guaranteed
a
Polarity: As marked
a
High temperature soldering guaranteed:
260
+/10 seconds 0.25”,(6.35mm) from
case.
a
Mounting position: Any
a Weight: 2.24 grams
a Mounting torque: 5 in – 1bs. max.
ITO-220AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
+ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FRF
1001G
FRF
1002G
FRF
1003G
FRF
1004G
FRF
1005G
FRF
1006G
FRF
1007G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified Current
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
1.3
V
Maximum DC Reverse Current @ TC=25
+
at Rated DC Blocking Voltage @ TC=125
+
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1)
Trr
150
250
150
nS
Typical Thermal Resistance (Note 2)
R
θJC
5.0
+/W
Operating and Storage Temperature Range
TJ ,TSTG
-65 to +150
+
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Thermal Resistance from Junction to Case Per Leg Mounted on Heatsink size 2" x
3" x 0.25" Al-Plate


Similar Part No. - FRF1007G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRF1007G TSC-FRF1007G Datasheet
333Kb / 2P
Isolated 10 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FRF1007G LUGUANG-FRF1007G Datasheet
227Kb / 2P
Isolated 10.0AMP.Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FRF1007G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FRA1007G ETC1-FRA1007G Datasheet
56Kb / 2P
10 AMPS Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FR1001G TSC-FR1001G Datasheet
93Kb / 2P
Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF801G TSC-FRAF801G Datasheet
82Kb / 2P
Isolation 8.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1001G TSC-FRAF1001G Datasheet
82Kb / 2P
Isolation 10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1601G TSC-FRAF1601G Datasheet
81Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF501G TSC-FRF501G Datasheet
124Kb / 2P
Isolation 5.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1601G TSC-FRF1601G Datasheet
113Kb / 2P
Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1001G TSC-FRA1001G Datasheet
59Kb / 2P
10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1001G TSC-FRA1001G_1 Datasheet
252Kb / 2P
10 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1001G TSC-FRAF1001G_1 Datasheet
264Kb / 2P
Isolated 10 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com