Electronic Components Datasheet Search
  English  ▼

X  

IRS2007M Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IRS2007M
Description  200-V half-bridge gate driver IC with VCC & VBS UVLO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRS2007M Datasheet(HTML) 4 Page - Infineon Technologies AG

  IRS2007M Datasheet HTML 1Page - Infineon Technologies AG IRS2007M Datasheet HTML 2Page - Infineon Technologies AG IRS2007M Datasheet HTML 3Page - Infineon Technologies AG IRS2007M Datasheet HTML 4Page - Infineon Technologies AG IRS2007M Datasheet HTML 5Page - Infineon Technologies AG IRS2007M Datasheet HTML 6Page - Infineon Technologies AG IRS2007M Datasheet HTML 7Page - Infineon Technologies AG IRS2007M Datasheet HTML 8Page - Infineon Technologies AG IRS2007M Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IRS2007(S,M)PBF
4
www.infineon.com/gdHalfBridge
April 23, 2020
Static Electrical Characteristics
(VCC - COM) = (VB - VS) = 15V. TA = 25°C unless otherwise specified. The VIN and IIN parameters are referenced to COM. The VO
and IO parameters are referenced to respective VS and COM and are applicable to the respective output leads HO or LO. The VCCUV
parameters are referenced to COM. The VBSUV parameters are referenced to VS.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
VBSUV+
VBS supply undervoltage positive going threshold
8.0
8.9
9.8
V
VBSUV-
VBS supply undervoltage negative going threshold
7.4
8.2
9
VBSUVHY
VBS supply undervoltage hysteresis
—
0.7
—
VCCUV+
VCC supply undervoltage positive going threshold
8.0
8.9
9.8
VCCUV-
VCC supply undervoltage negative going threshold
7.4
8.2
9
VCCUVHY
VCC supply undervoltage hysteresis
—
0.7
—
ILK
High-side floating well offset supply leakage
—
—
50
µA
VB = VS = 200V
IQBS
Quiescent VBS supply current
—
45
75
All inputs are in the
off state
IQCC
Quiescent VCC supply current
—
300
520
VOH
High level output voltage drop, VBIAS-VO
—
0.05
0.2
V
IO = 2 mA
VOL
Low level output voltage drop, VO
—
0.02
0.1
Io+
Output high short circuit pulsed current
200
290
—
mA
VO = 0V, VIN = VIH
PW ≤ 10µs
Io-
Output low short circuit pulsed current
420
600
—
VO = 15V, VIN = VIL
PW ≤ 10µs
VIH
Logic “1” (HIN) & Logic “0” (LIN) input voltage
2.5
—
—
V
Vcc=10V to 20V
VIL
Logic “0” (HIN) & Logic “1” (LIN) input voltage
—
—
0.8
IIN+
Logic “1” Input bias current
—
3
10
µA
HIN = 5V,
LIN= 0V
IIN-
Logic “0” Input bias current
—
—
5
HIN = 0V,
LIN= 5V
Dynamic Electrical Characteristics
VCC = VB = 15V, VS = COM, TA = 25oC, and CL = 1000pF unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max.
Units
Test Conditions
tON
Turn-on propagation delay
—
160
220
ns
VS = 0V or 200V
tOFF
Turn-off propagation delay
—
150
220
tR
Turn-on rise time
—
70
170
VS = 0V
tF
Turn-off fall time
—
30
90
MT
Delay matching time (tON, tOFF)
—
—
50
DT
Deadtime, LS turn-off to HS turn-on & HS turn-on to
LS turn-off
400
520
650
MDT
Deadtime matching time (DTLO/HO
– DTHO/LO)
—
—
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com