Electronic Components Datasheet Search
  English  ▼

X  

FS6054 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # FS6054
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6054 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button FS6054 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6054 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6054 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6054 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS6054 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS6054 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS6054 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS6054 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS6054 Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
XT
April 1999
4.5.99
19
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
Series termination adds no dc loading to the driver, and
requires less power than other resistive termination
methods. Further, no extra impedance exists from the
signal line to a reference voltage, such as ground.
As shown in Figure 19, the sum of the driver’s output im-
pedance (zO) and the series termination resistance (RS)
must equal the line impedance (zL). That is,
O
L
S
z
z
R
−
=
.
Note that when the source impedance (zO+RS) is
matched to the line impedance, then by voltage division
the incident wave amplitude is one-half of the full signal
amplitude.
2
)
(
)
(
V
z
R
z
R
z
V
V
L
S
O
S
O
i
=
+
+
+
=
The full signal amplitude may take up to twice as long as
the propagation delay of the line to develop, reducing
noise immunity during the half-amplitude period. Note
also that the voltage at the receive end must add up to a
signal amplitude that meets the receiver switching
thresholds. The slew rate of the signal is also reduced
due to the additional RC delay of the load capacitance
and the line impedance. Also note that the output driver
impedance will vary slightly with the output logic state
(high or low).
8.2
Dynamic Power Dissipation
High-speed clock drivers require careful attention to
power dissipation. Transient power (PT) consumption can
be derived from
SW
CLK
load
DD
T
N
f
C
V
P
×
×
×
=
2
where Cload is the load capacitance, VDD is the supply
voltage, fCLK is the clock frequency, and Nsw is the
number of switching outputs.
The internal heat (junction temperature, TJ) generated by
the power dissipation can be calculated from
A
T
JA
J
T
P
T
+
×
Θ
=
where
Θ
JA is the package thermal resistance, TA is the
ambient temperature, and PT is derived above.
8.3
Serial Communications
Connection of devices to a standard-mode implementa-
tion of either the I
2C-bus or the SMBus is similar to that
shown in Figure 20. Selection of the pull-up resistors (RP)
and the optional series resistors (RS) on the SDA and
SCL lines depends on the supply voltage, the bus ca-
pacitance, and the number of connected devices with
their associated input currents.
Control of the clock and data lines is done through open
drain/collector current-sink outputs, and thus requires
external pull-up resistors on both lines. A guideline is
bus
r
P
C
t
R
×
<
2
,
where tr is the maximum rise time (minus some margin)
and Cbus is the total bus capacitance. Assuming an I
2C
device on each DIMM, an I
2C controller, the clock buffer,
and two other bus devices results in values in the 5k
Ω to
7k
Ω range. Use of a series resistor to provide protection
against high voltage spikes on the bus will alter the val-
ues for RP.
Figure 20: Connections to the Serial Bus
R
P
SDA
SCL
Data In
Data Out
Clock Out
TRANSMITTER
Data In
Data Out
RECEIVER
Clock In
R
P
R
S
(optional)
R
S
(optional)
R
S
(optional)
R
S
(optional)
8.3.1
For More Information
More detailed information on serial bus design can be
obtained from SMBus and I
2C Bus Design, available from
the Intel Corporation at
http://www.intel.com.
Information on the I
2C-bus can be found in the document
The I
2C-bus And How To Use It (Including Specifica-
tions),
available
from
Philips
Semiconductors
at
http://www-us2.semiconductors.philips.com.
Additional information on the System Management Bus
can be found in the System Management Bus Specifica-
tion,
available
from
the
Smart
Battery
System
Implementers’ Forum at
http://www.sbs-forum.org.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com