Electronic Components Datasheet Search
  English  ▼

X  

RHV3 Datasheet(PDF) 1 Page - Recom International Power

Part # RHV3
Description  3 Watt SIP16 Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RHV3 Datasheet(HTML) 1 Page - Recom International Power

  RHV3 Datasheet HTML 1Page - Recom International Power RHV3 Datasheet HTML 2Page - Recom International Power RHV3 Datasheet HTML 3Page - Recom International Power RHV3 Datasheet HTML 4Page - Recom International Power RHV3 Datasheet HTML 5Page - Recom International Power RHV3 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.recom-power.com
REV.: 0/2019
ECO-1
Features
Unregulated
Converters
• bullet points (Productmanager)
RHV3
DC/DC Converter
3 Watt
SIP16
Single and Dual
Output
Features
Unregulated
Converters
• 12.5kVAC/1 minute isolation
• Compact SIP16 case with >30mm pin separation
• Low 4pF max. isolation capacitance
• Wide operating temperature range from
-40°C to +80°C at full load
• Efficiency up to 81%
Description
The RHV3 is a DC/DC converter with exceptionally high 20kVDC (12.5KVAC/1 minute) isolation in a
compact SIP16 case. Input voltages can be 5, 12 or 24VDC and outputs 5V, 12V, 24V, ±5V or ±12V.
The operating temperature is -40°C to +80°C without derating. Applications include high vacuum
monitoring, X-Ray equipment, HVAC dust extraction systems and other high voltage industrial
applications where a very high isolation remote power supply is required.
Selection Guide
Part
nom. Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RHV3-0505S/R20
5
5
600
76
1000
RHV3-0512S/R20
5
12
250
78
330
RHV3-0524S/R20
5
24
125
80
100
RHV3-1205S/R20
12
5
600
78
1000
RHV3-1212S/R20
12
12
250
79
330
RHV3-1224S/R20
12
24
125
80
100
RHV3-2405S/R20
24
5
600
80
1000
RHV3-2412S/R20
24
12
250
80
330
RHV3-2424S/R20
24
24
125
81
100
RHV3-0505D/R20
5
±5
±300
78
±680
RHV3-0512D/R20
5
±12
±125
80
±150
RHV3-1205D/R20
12
±5
±300
78
±680
RHV3-1212D/R20
12
±12
±125
81
±150
RHV3-2405D/R20
24
±5
±300
80
±680
RHV3-2412D/R20
24
±12
±125
80
±150
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: The capacitive load is tested at minimum input and constant resistive load
Model Numbering
Isolation Voltage
Single or Dual Output
Output Power
nom. Input Voltage
Output Voltage
RHV3-__ __ /R20
IEC/EN62368-1 certified
IEC/EN61010-1 certified


Similar Part No. - RHV3

ManufacturerPart #DatasheetDescription
logo
VINATech Co.,Ltd.
RHV VINATECH-RHV Datasheet
927Kb / 2P
High Voltage, High Capacitance Low ESR, High ripple current Load life of 5,000h at 105°C
logo
Recom International Pow...
RHV2 RECOM-RHV2 Datasheet
1Mb / 5P
2 Watt SIP16 Single and Dual Output
RHV2-0505D/R20 RECOM-RHV2-0505D/R20 Datasheet
1Mb / 5P
2 Watt SIP16 Single and Dual Output
RHV2-0505D/R20 RECOM-RHV2-0505D/R20 Datasheet
1Mb / 5P
RHV2
RHV2-0505S RECOM-RHV2-0505S Datasheet
1Mb / 5P
RHV2
More results

Similar Description - RHV3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-C RECOM-RAC04-C Datasheet
492Kb / 6P
4 Watt Single and Dual Output
RAC04-C-277 RECOM-RAC04-C-277 Datasheet
453Kb / 6P
4 Watt Single and Dual Output
REC20-123.4S RECOM-REC20-123.4S Datasheet
356Kb / 6P
20 Watt Single and Dual Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
20 Watt Single and Dual Output
REC30-123.4S RECOM-REC30-123.4S Datasheet
380Kb / 7P
30 Watt Single and Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
30 Watt Single and Dual Output
RAC04-S-DC-277 RECOM-RAC04-S-DC-277 Datasheet
453Kb / 6P
4 Watt Single and Dual Output
RHV2 RECOM-RHV2 Datasheet
1Mb / 5P
2 Watt SIP16 Single and Dual Output
R3M RECOM-R3M Datasheet
869Kb / 6P
3 Watt SMD Single & Dual Output
REV.: 0/2023
RP03-RAW RECOM-RP03-RAW Datasheet
878Kb / 9P
3 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com