Electronic Components Datasheet Search
  English  ▼

X  

1840366 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1840366
Description  MC 1,5/ 2-ST-3,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1840366 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1840366 Datasheet HTML 1Page - PHOENIX CONTACT 1840366 Datasheet HTML 2Page - PHOENIX CONTACT 1840366 Datasheet HTML 3Page - PHOENIX CONTACT 1840366 Datasheet HTML 4Page - PHOENIX CONTACT 1840366 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Mar 11, 2010
Extract from the online
catalog
 
MC 1,5/ 2-ST-3,5
Order No.: 1840366
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1840366
 
 
Plug component, Nominal current: 8 A, Nom. voltage: 160 V, Pitch:
3.5 mm, Number of positions: 2, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918111564
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.001565 KG
Catalog page information
Page 142 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
3.5 mm
Dimension a
3.5 mm
Number of positions
2
Screw thread
M2


Similar Part No. - 1840366

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
1840366 MICROCHIP-1840366 Datasheet
102Kb / 3P
plug-in direction parallel to the conductor axis
28. Juni 2001
logo
PHOENIX CONTACT
1840366 PHOENIX-1840366 Datasheet
144Kb / 5P
MCV 1,5/ 2-G-3,5
1840366 PHOENIX-1840366 Datasheet
162Kb / 5P
MC 1,5/ 2-G-3,5
1840366 PHOENIX-1840366 Datasheet
139Kb / 5P
EMCV 1,5/ 2-G-3,5
More results

Similar Description - 1840366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840379 PHOENIX-1840379 Datasheet
139Kb / 5P
MC 1,5/ 3-ST-3,5
1840382 PHOENIX-1840382 Datasheet
140Kb / 5P
MC 1,5/ 4-ST-3,5
1840395 PHOENIX-1840395 Datasheet
220Kb / 6P
MC 1,5/ 5-ST-3,5
1840405 PHOENIX-1840405 Datasheet
140Kb / 5P
MC 1,5/ 6-ST-3,5
1840421 PHOENIX-1840421 Datasheet
140Kb / 5P
MC 1,5/ 8-ST-3,5
1840434 PHOENIX-1840434 Datasheet
140Kb / 5P
MC 1,5/ 9-ST-3,5
1840447 PHOENIX-1840447 Datasheet
140Kb / 5P
MC 1,5/10-ST-3,5
1840463 PHOENIX-1840463 Datasheet
141Kb / 5P
MC 1,5/12-ST-3,5
1840492 PHOENIX-1840492 Datasheet
393Kb / 14P
MC 1,5/15-ST-3,5
1894655 PHOENIX-1894655 Datasheet
414Kb / 11P
PCB connector - MC 1,5/ 2-ST-3,5 AU
Nov 30, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com