Electronic Components Datasheet Search
  English  ▼

X  

RA4W1 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 50Page - Renesas Technology Corp RA4W1 Datasheet HTML 51Page - Renesas Technology Corp RA4W1 Datasheet HTML 52Page - Renesas Technology Corp RA4W1 Datasheet HTML 53Page - Renesas Technology Corp RA4W1 Datasheet HTML 54Page - Renesas Technology Corp RA4W1 Datasheet HTML 55Page - Renesas Technology Corp RA4W1 Datasheet HTML 56Page - Renesas Technology Corp RA4W1 Datasheet HTML 57Page - Renesas Technology Corp RA4W1 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 54 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.3.6
I/O Ports, POEG, GPT, AGT, KINT, and ADC14 Trigger Timing
Note 1.
Constraints on input cycle:
When not switching the source clock: tPcyc × 2 < tACYC should be satisfied.
When switching the source clock: tPcyc × 6 < tACYC should be satisfied.
Note:
tPcyc: PCLKB cycle, tPDcyc: PCLKD cycle
Figure 2.36
I/O ports input timing
Figure 2.37
POEG input trigger timing
Figure 2.38
GPT input capture timing
Table 2.32
I/O Ports, POEG, GPT, AGT, KINT, and ADC14 trigger timing
Parameter
Symbol Min
Max
Unit
Test
conditions
I/O ports
Input data pulse width
tPRW
1.5
-
tPcyc
Figure 2.36
Input/output data cycle (P004)
tPOcyc
10
-
us
POEG
POEG input trigger pulse width
tPOEW
3-
tPcyc
Figure 2.37
GPT
Input capture pulse width
Single edge
tGTICW
1.5
-
tPDcyc
Figure 2.38
Dual edge
2.5
-
AGT
AGTIO, AGTEE input cycle
2.7 V ≤ VCC ≤ 3.6 V
tACYC*1 250
-
ns
Figure 2.39
2.4 V ≤ VCC < 2.7 V
500
-
ns
1.8 V ≤ VCC < 2.4 V
1000
-
ns
AGTIO, AGTEE input high level
width, low-level width
2.7 V ≤ VCC ≤ 3.6 V
tACKWH,
tACKWL
100
-
ns
2.4 V ≤ VCC < 2.7 V
200
-
ns
1.8 V ≤ VCC < 2.4 V
400
-
ns
AGTIO, AGTO, AGTOB output
cycle
2.7 V ≤ VCC ≤ 3.6 V
tACYC2
62.5
-
ns
Figure 2.39
2.4 V ≤ VCC < 2.7 V
125
-
ns
1.8 V ≤ VCC < 2.4 V
250
-
ns
ADC14
14-bit A/D converter trigger input pulse width
tTRGW
1.5
-
tPcyc
Figure 2.40
KINT
KRn (n = 00 to 07) pulse width
tKR
250
-
ns
Figure 2.41
Port
tPRW
POEG input trigger
tPOEW
Input capture
tGTICW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com