Electronic Components Datasheet Search
  English  ▼

X  

CD4086BMS Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD4086BMS
Description  CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4086BMS Datasheet(HTML) 8 Page - Intersil Corporation

  CD4086BMS Datasheet HTML 1Page - Intersil Corporation CD4086BMS Datasheet HTML 2Page - Intersil Corporation CD4086BMS Datasheet HTML 3Page - Intersil Corporation CD4086BMS Datasheet HTML 4Page - Intersil Corporation CD4086BMS Datasheet HTML 5Page - Intersil Corporation CD4086BMS Datasheet HTML 6Page - Intersil Corporation CD4086BMS Datasheet HTML 7Page - Intersil Corporation CD4086BMS Datasheet HTML 8Page - Intersil Corporation CD4086BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7-1062
CD4086BMS
FIGURE 9. TYPICAL POWER DISSIPATION vs FREQUENCY
FIGURE 10. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 11. TYPICAL DATA OR ENABLE HIGH-TO-LOW LEVEL
PROPAGATION DELAY TIME vs LOAD
CAPACITANCE
FIGURE 12. TYPICAL DATA OR ENABLE LOW-TO-HIGH LEVEL
PROPAGATION DELAY TIME vs LOAD
CAPACITANCE
FIGURE 13. TYPICAL DATA OR ENABLE PROPAGATION
DELAY TIME vs SUPPLY VOLTAGE
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25
oC
10V
5V
10V
SUPPLY VOLTAGE (VDD) = 15V
105
102
100
101
104
FREQUENCY (f) (kHz)
10-1
100
102
103
104
103
101
CL = 50pF
CL = 15pF
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
300
250
200
150
100
50
0
20
40
60
80
100
LOAD CAPACITANCE (CL) - pF
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE
(VDD) = 5V
10V
15V
100
0
20
40
60
80
100
LOAD CAPACITANCE (CL) (pF)
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE
(VDD) = 5V
10V
15V
200
300
400
500
tPHL
tPLH
1250
1000
750
500
250
0
2.5
5
7.5
10
12.5
15
17.5
20
SUPPLY VOLTAGE (VDD) (V)
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) = 50pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com