Electronic Components Datasheet Search
  English  ▼

X  

1843635 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1843635
Description  MCV 1,5/ 5-G-3,5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1843635 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1843635 Datasheet HTML 1Page - PHOENIX CONTACT 1843635 Datasheet HTML 2Page - PHOENIX CONTACT 1843635 Datasheet HTML 3Page - PHOENIX CONTACT 1843635 Datasheet HTML 4Page - PHOENIX CONTACT 1843635 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Mar 11, 2010
Extract from the online
catalog
 
MCV 1,5/ 5-G-3,5
Order No.: 1843635
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1843635
 
 
Header, Nominal current: 8 A, Nom. voltage: 160 V, Pitch: 3.5 mm,
Number of positions: 5, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918112783
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.001562 KG
Catalog page information
Page 175 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
7.25 mm
Pitch
3.5 mm
Dimension a
14 mm
Number of positions
5
Pin dimensions
0,8 x 0,8 mm


Similar Part No. - 1843635

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1843635 PHOENIX-1843635 Datasheet
220Kb / 6P
MC 1,5/ 5-ST-3,5
More results

Similar Description - 1843635

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1779365 PHOENIX-1779365 Datasheet
337Kb / 13P
MCV 1,5/ 2-G-3,5 P26 THR
1843606 PHOENIX-1843606 Datasheet
144Kb / 5P
MCV 1,5/ 2-G-3,5
1843619 PHOENIX-1843619 Datasheet
142Kb / 4P
MCV 1,5/ 3-G-3,5
1843703 PHOENIX-1843703 Datasheet
143Kb / 4P
MCV 1,5/12-G-3,5
1731510 PHOENIX-1731510 Datasheet
66Kb / 4P
Base strip - MCV 1,5/ 5-G-3,5-RN
1800320 PHOENIX-1800320 Datasheet
46Kb / 2P
MCV 1,5/12-G-3,5 BK
1843716 PHOENIX-1843716 Datasheet
142Kb / 4P
MCV 1,5/13-G-3,5
1882719 PHOENIX-1882719 Datasheet
76Kb / 4P
Printed-circuit board connector - MCV 1,5/ 5-G-3,5 AU
1843680 PHOENIX-1843680 Datasheet
793Kb / 17P
PCB header - MCV 1,5/10-G-3,5
Jul 20, 2022
1843693 PHOENIX-1843693 Datasheet
470Kb / 12P
PCB header - MCV 1,5/11-G-3,5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com