Electronic Components Datasheet Search
  English  ▼

X  

HA5352IP Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA5352IP
Description  Fast Acquisition Dual Sample and Hold Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5352IP Datasheet(HTML) 3 Page - Intersil Corporation

  HA5352IP Datasheet HTML 1Page - Intersil Corporation HA5352IP Datasheet HTML 2Page - Intersil Corporation HA5352IP Datasheet HTML 3Page - Intersil Corporation HA5352IP Datasheet HTML 4Page - Intersil Corporation HA5352IP Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3-3
Specifications HA5352
Input Current (VIL = 0V)
IIL
Full
-1
-
+1
µA
Input Current (VIH = 5V)
IIH
Full
-1
-
+1
µA
OUTPUT CHARACTERISTICS
Output Voltage (RL = 510Ω)Full
-3
-
+3
V
Output Current (RL = 100Ω)+25
oC,
+85oC
20
25
-
mA
-40oC15
-
-
mA
Full Power Bandwidth (5VP-P, AV = +1, -3dB)
Full
-
13
-
MHz
Output Resistance - Hold Mode
+25oC
-
0.02
-
Ω
TOTAL OUTPUT NOISE, D.C. TO 10MHz
Sample Mode
+25
oC-
325
-
µVrms
Hold Mode
+25oC-
325
-
µVrms
SAMPLE MODE DISTORTION CHARACTERISTICS
Total Harmonic Distortion
VIN = 4.5VP-P, FIN = 100kHz
+25
oC-
-80
-76
dBc
VIN = 5VP-P, FIN = 1MHz
+25oC-
-74
-69
dBc
VIN = 1VP-P, FIN = 10MHz
+25oC-
-57
-52
dBc
Signal to Noise Ratio
(RMS Signal to RMS Noise)
VIN = 4.5VP-P, FIN = 100kHz
+25
oC-
73
-
dB
Crosstalk
VIN = 5VP-P, FIN = 10MHz
+25
oC-
75
-
dB
HOLD MODE DISTORTION CHARACTERISTICS (50% Duty Cycle S/H)
Total Harmonic Distortion
VIN = 4.5VP-P, FIN = 100kHz, FS ≅ 100kHz
+25oC-
-78
-74
dBc
VIN = 5VP-P, FIN = 1MHz, FS ≅ 1MHz
+25
oC-
-72
-67
dBc
VIN = 1VP-P, FIN = 10MHz, FS ≅ 1MHz
+25oC-
-51
-47
dBc
Signal to Noise Ratio
(RMS Signal to RMS Noise)
VIN = 4.5VP-P, FIN =100kHz, FS ≅ 100kHz
+25oC-
70
-
dB
SAMPLE AND HOLD CHARACTERISTICS
Acquisition Time
0V to 2.0V Step to
±1mV
+25
oC-
53
-
ns
0V to 2.0V Step to 0.01% (
±200µV)
+25oC
-
64
70
ns
-2.5V to +2.5V Step to 0.01% (
±500µV)
+25oC
-
90
100
ns
Electrical Specifications
Test Conditions: VSUPPLY = ±5V; CH = Internal = 15pF, Digital Input: VIL = +0.0V (Sample), VIH = 4.0V
(Hold). Non-Inverting Unity Gain Configuration (Output Tied to -Input), CL = 5pF, Unless Otherwise
Specified (Continued)
PARAMETERS
TEMP
HA5352I
UNITS
MIN
TYP
MAX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com