Electronic Components Datasheet Search
  English  ▼

X  

TUSB1146 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1146
Description  TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1146 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1146 Datasheet HTML 1Page - Texas Instruments TUSB1146 Datasheet HTML 2Page - Texas Instruments TUSB1146 Datasheet HTML 3Page - Texas Instruments TUSB1146 Datasheet HTML 4Page - Texas Instruments TUSB1146 Datasheet HTML 5Page - Texas Instruments TUSB1146 Datasheet HTML 6Page - Texas Instruments TUSB1146 Datasheet HTML 7Page - Texas Instruments TUSB1146 Datasheet HTML 8Page - Texas Instruments TUSB1146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
USB Host
GPU
TUSB1146
PD Controller
D+/-
SSTX
SSRX
DP0
DP1
DP2
DP3
AUXp
AUXn
SBU1
SBU2
CC1
CC2
Control
HPD
CTL
FLIP 0 1
TX1
TX2
RX1
RX2
HPDIN
Copyright © 2018, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB1146
SLLSFB2 – APRIL 2020
TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint
Switch
1
1 Features
1
•
USB Type-C crosspoint switch supporting
–
USB 3.2 SSP + 2 DisplayPort Lanes
–
4 DisplayPort Lanes
•
USB 3.2 x1 Gen 1/Gen 2 up to 10 Gbps
•
VESA®DisplayPort 2.0 up to 10 Gbps (UHBR10)
•
Supports D_DFP pin assignments C, D, and E
•
Choice between adaptive or fixed equalization for
USB DFP receivers.
•
Linear and limited redriver supported on UFP
transmitter
•
Limited redriver option offers both TX voltage
swing and TX equalization control
–
4 Levels of TX voltage swing from 800 mVpp
up to 1100 mVpp
–
TX pre-shoot and de-emphasis
•
Ultra-low-power architecture
•
Up to 12 dB equalization at 5 GHz
•
Transparent to DisplayPort link training
•
Configuration through GPIO or I2C
•
Intel proprietary DCI capability on USB Type-C for
closed chassis debugging
•
Hot-Plug capable
•
Industrial temperature range: –40 ºC to 85 ºC
(TUSB1146I)
•
Commercial temperature range: 0 ºC to 70 ºC
(TUSB1146)
•
4 mm x 6 mm, 0.4 mm Pitch WQFN package
2 Applications
•
Notebooks and desktops
•
Tablets
•
Docking Stations
3 Description
The TUSB1146 is a VESA USB Type-C™ Alt Mode
redriving switch supporting USB 3.2 data rates up to
10 Gbps and DisplayPort 2.0 up to 10 Gbps for
downstream facing port (Host). The device is used for
configurations
C,
D,
and
E
from
the
VESA
DisplayPort Alt Mode on USB Type-C standard. This
protocol-agnostic linear redriver is also capable of
supporting other USB Type-C Alt Mode interfaces
such as HDMI Alt Mode.
The TUSB1146 incorporates an innovative, adaptive
receiver equalization (AEQ) feature. The AEQ feature
will automatically find the best ISI compensation
setting between the USB device and the TUSB1146.
Because
the
AEQ
finds
the
best
setting,
interoperability between a USB Host and USB Device
is vastly improved. The TUSB1146 operates on a
single 3.3-V supply and comes in a commercial
temperature range and industrial temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1146
WQFN (40)
4.00 mm x 6.00 mm
TUSB1146I
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematics


Similar Part No. - TUSB1146

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1146 TI1-TUSB1146 Datasheet
3Mb / 69P
TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
FEBRUARY 2025
TUSB1146 TI2-TUSB1146 Datasheet
1Mb / 68P
TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
APRIL 2020
TUSB1146-Q1 TI1-TUSB1146-Q1 Datasheet
3Mb / 69P
TUSB1146-Q1 Automotive DisplayPort™ Alt Mode Over USB Type-C® Source 10Gbps Linear Redriver Crosspoint Switch
FEBRUARY 2025
TUSB1146-Q1 TI2-TUSB1146-Q1 Datasheet
1Mb / 68P
TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
APRIL 2020
TUSB1146I TI2-TUSB1146I Datasheet
1Mb / 68P
TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
APRIL 2020
More results

Similar Description - TUSB1146

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com